Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 101Page - Renesas Technology Corp DA6021 Datasheet HTML 102Page - Renesas Technology Corp DA6021 Datasheet HTML 103Page - Renesas Technology Corp DA6021 Datasheet HTML 104Page - Renesas Technology Corp DA6021 Datasheet HTML 105Page - Renesas Technology Corp DA6021 Datasheet HTML 106Page - Renesas Technology Corp DA6021 Datasheet HTML 107Page - Renesas Technology Corp DA6021 Datasheet HTML 108Page - Renesas Technology Corp DA6021 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
105 of 224
www.dialog-semiconductor.com
Power Rail VSYS_S
11.6.9
VSYS_S is a voltage rail that is supplied by VSYS through an internal DA6021 power switch with a RDSon of
900m
Ω.
Description
Value [max, m
Ω]
Val
Input, output rails wirebond & internal FET RDS-ON
1000
A,D,E
Table 65: VSYS_S Power Switch Specification
VSYS_S power switch is enabled when SLP_S3_B is high, unless VSYS_S_CTRL.VSYS_S_SEL bit is set to
high.
Register Name
VSYS_S_CTRL
Address
0x64
Page 1
Read/Write
Reset Value
0x02
MSB
LSB
R
R
R
R
R
R
R
R
reserved
VSYS_S
_SEL
VSYS_S
_EN
VSYS_S_EN
0
1
VSYS_S off
VSYS_S on
VSYS_S_SEL
0
1
VSYS_S controlled by SLP_S3_B according to sequencing
VSYS_S controlled by VSYS_S_CTRL.VSYS_S_EN bit
Regardless of VSYS_S_EN and VSYS_S_SEL, VSYS_S is disable
when SLP_S3_B is asserted, means low
VSYS_S_CTRL.
SLP_S3_B
VSYS_S
VSYS_S_SEL
VSYS_S_EN
1
0
1
Off
1
1
1
On
x
x
0
Off
Table 66: VSYS_S Truth Table
Buck Boost Regulator V2P85S
11.6.10
DA6021 integrates a buck/boost converter supplying 2.85V into the system for touch screen, eMMC, sensors
and V2P85SX loads. The maximum output current of V2P85S buck/boost regulator is 550mA
Figure 40: Buck Boost V2P85S Power Domain Block Diagram
BUBO_V2P85S
2.9V
0.55A
V2P85S bus
V2P85S_FBP
V2P85S_FBN
V2P85S_VIN
2
C
V2P85S_GND
2
2
LX1
2
LX2
2
V2P85S
V2P85SX bus
V2P85SX_VIN
V2P85SX
INT_SW_V2P85SX
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com