Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 104Page - Renesas Technology Corp DA6021 Datasheet HTML 105Page - Renesas Technology Corp DA6021 Datasheet HTML 106Page - Renesas Technology Corp DA6021 Datasheet HTML 107Page - Renesas Technology Corp DA6021 Datasheet HTML 108Page - Renesas Technology Corp DA6021 Datasheet HTML 109Page - Renesas Technology Corp DA6021 Datasheet HTML 110Page - Renesas Technology Corp DA6021 Datasheet HTML 111Page - Renesas Technology Corp DA6021 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
108 of 224
www.dialog-semiconductor.com
11.6.10.3 V2P85S Subsystems
V2P85SX:
This voltage rail supplies mainly cameras. The control of this power rail is derived from the SoC SLP_S0ix_B
signal. The maximum current is 250mA. The internal switch has a RDSon of 460mΩ.
Description
Value [max, m
Ω]
Val
Input power path board resistance
0
-
Output power path board resistance
40
-
Input, output rails wirebond & internal FET RDS-ON
180
A,D,E
Table 69: V2P85SX Power Switch Specification
Register Name
V2P85SX_CTRL
Address
0x66
Page 1
Read/Write
Reset Value
0x02
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
V2P85SX
_SEL
V2P85SX
_EN
V2P85SX_EN
0
1
V2P85SX off
V2P85SX on
V2P85SX_SEL
0
1
V2P85SX controlled by SLP_S0iX_B according to sequencing
V2P85SX controlled by 2P85SX_CTRL.V2P85SX_EN bit
Regardless of V2P85SX_EN and V2P85SX_SEL, V2P85SX is high
when SLP_S3_B is asserted, means low
V2P85SX_CTRL.
SLP_S3_B
V2P85SX
V2P85SX_SEL
V2P85SX_EN
1
0
1
Off
1
1
1
On
x
x
0
Off
Table 70: V2P85SX Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com