Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 107Page - Renesas Technology Corp DA6021 Datasheet HTML 108Page - Renesas Technology Corp DA6021 Datasheet HTML 109Page - Renesas Technology Corp DA6021 Datasheet HTML 110Page - Renesas Technology Corp DA6021 Datasheet HTML 111Page - Renesas Technology Corp DA6021 Datasheet HTML 112Page - Renesas Technology Corp DA6021 Datasheet HTML 113Page - Renesas Technology Corp DA6021 Datasheet HTML 114Page - Renesas Technology Corp DA6021 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
111 of 224
www.dialog-semiconductor.com
V3P3A_VSEL
000
001
010
011
100
101
110
111
2.970V
3.135V
3.300V
3.333V nominal voltage
3.340V
reserved
3.465V
3.630V
V3P3A_CTRL.
SUSPWRDNACK
V3P3A
V3P3A_SEL
V3P3A_EN
1
0
0
Off
1
1
0
On
x
x
1
Off
Table 72: V3P3A Truth Table
11.6.11.3 V3P3A Subsystems
V3P3U:
V3P3U is the voltage rail which is sourced by V3P3A and switched by an external P-channel FET. This voltage
rail is foreseen to supply mainly WIFI and BT. DA6021 provides a control signal V3P3_U_EN supplied by V3P3A
and
derived from SoC’s SLP_S4_B signal. The maximum current for this power rail is 700mA
Register Name
V3P3U_CTRL
Address
0x68
Page 1
Read/Write
Reset Value
0x02
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
V3P3U
_SEL
V3P3U
_EN
V3P3U_EN
0
1
V3P3U off
V3P3U on
V3P3U_SEL
0
1
V3P3U controlled by SLP_S4_B according to sequencing
V3P3U controlled by V3P3U_CTRL.V3P3U_EN bit
Regardless of V3P3U_EN and V3P3U_SEL, V3P3U_EN_B is high
when SLP_S4_B is asserted, means low
V3P3U_CTRL.
SLP_S4_B
V3P3U_EN_B
V3P3U_SEL
V3P3U_EN
1
0
1
High
1
1
1
Low
x
x
0
High
Table 73: V3P3U_EN_B Truth Table
V3P3U external P-channel power switch parameters:
Rdson (Vgs=3.3V)
35-62.5mohm
Input capacitance, Ciss
750-2000pF
Output capacitance, Coss
150-530pF
Reverse transfer capacitance, Crss
100-360pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com