Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 110Page - Renesas Technology Corp DA6021 Datasheet HTML 111Page - Renesas Technology Corp DA6021 Datasheet HTML 112Page - Renesas Technology Corp DA6021 Datasheet HTML 113Page - Renesas Technology Corp DA6021 Datasheet HTML 114Page - Renesas Technology Corp DA6021 Datasheet HTML 115Page - Renesas Technology Corp DA6021 Datasheet HTML 116Page - Renesas Technology Corp DA6021 Datasheet HTML 117Page - Renesas Technology Corp DA6021 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
114 of 224
www.dialog-semiconductor.com
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Val
ESL of output capacitor
1.6 @ 3MHz
nH
-
L_BOOST
inductor value
-20%
0.47
+20%
μH
-
L_DCR
inductor resistance
48
mΩ
-
V5P0S
Output Voltage
IOUT= Imax
5.0
2%
V
A
F_BOOST
Frequency of operation
3
MHz
A
Transient load profile
0-955mA
250
ns
-
Transient droop
24
0-955mA
202
mV
E
Transient overshoot
25
955-0mA
202
mV
E
Ton
Turn on time
2
ms
E
IQ_OFF
Quiescent Current in
Off
Mode
50
µA
E
Normal Mode
– Synchronous rectification (PWM)
Maximum Output Current (Imax)
1000
mA
D
ILIMIT
Current limitation
Cycle by cycle
1.3*Imax
mA
A*
Efficiency at VSYS = 3.7V & Tamb=60°C
with proposed external components and
PCB layout
See Figure 45
D,E,
A*
26
Sleep Mode
– Pulse skipping (PSK)
Efficiency at VSYS = 3.7V & Tamb=60°C
with proposed external components and
PCB layout
See Figure 45
D,E,
A*
Table 78: Electrical Parameter for BOOST_V5P0S
Figure 45:V5P0S Efficiency
24 Including DC accuracy, ripple and load regulation
25 Including DC accuracy, ripple and load regulation
26 RDSON measurement on ATE
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Output Current [A]
V5P0S Efficiency vs. output current, Vin = 3.7V, Vout = 5.00V, Auto Mode
Vin = 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com