Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 109Page - Renesas Technology Corp DA6021 Datasheet HTML 110Page - Renesas Technology Corp DA6021 Datasheet HTML 111Page - Renesas Technology Corp DA6021 Datasheet HTML 112Page - Renesas Technology Corp DA6021 Datasheet HTML 113Page - Renesas Technology Corp DA6021 Datasheet HTML 114Page - Renesas Technology Corp DA6021 Datasheet HTML 115Page - Renesas Technology Corp DA6021 Datasheet HTML 116Page - Renesas Technology Corp DA6021 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
113 of 224
www.dialog-semiconductor.com
Description
Value [max, m
Ω]
Val
V3P3A input power path board resistance
10
-
V1P8A input power path board resistance
10
-
Output power path board resistance
20
-
Input, output rails wirebond & internal FET RDS-ON
108
A,D,E
Table 76: VSDIO Power Switch Specification
The table below shows how the VSDIO voltage is selected:
SDMMC3_PWR_EN_B
SDMMC3_1P8_EN
VSDIO
0
0
3.3V
0
1
1.8V
1
0
0V
1
1
0V
Table 77: VSDIO Output Voltage Selection
Boost Regulator V5P0S
11.6.12
DA6021 integrates a boost converter supplying 5V into the platform towards HDMI, USB3, VBUS & USB2/3
OTG. The maximum output current of V5P0_S boost converter is 955mA
Figure 44:V5P0S Power Domain Block Diagram
11.6.12.1 Electrical Characteristics V5P0S
Boost regulator
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Val
V5P0S_VIN
Input Voltage
2.7
4.5
V
-
Cin
at V5P0S_IN
2 x 10
µF
-
Cout
4 x 22
µF
-
ESR of output capacitor
6 @ 22µF
mΩ
-
BOOST_V5P0S
5.048V
1A
V5P0S bus
V5P0S_FBP
V5P0S_FBN
V5P0S_LX
C
V5P0S_GND
2
2
0.47µH
2
V5P0S
V5HDMI bus
VHDMI_VIN
VHDMI
INT_SW_VHDMI
VBUS bus
VBUS_EN
EXT_SW_VBUS
VHOST bus
VHOST_EN
EXT_SW_VHOST
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com