Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 113Page - Renesas Technology Corp DA6021 Datasheet HTML 114Page - Renesas Technology Corp DA6021 Datasheet HTML 115Page - Renesas Technology Corp DA6021 Datasheet HTML 116Page - Renesas Technology Corp DA6021 Datasheet HTML 117Page - Renesas Technology Corp DA6021 Datasheet HTML 118Page - Renesas Technology Corp DA6021 Datasheet HTML 119Page - Renesas Technology Corp DA6021 Datasheet HTML 120Page - Renesas Technology Corp DA6021 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
117 of 224
www.dialog-semiconductor.com
VHDMI:
VHDMI is the 5V power supply to HDMI connector sourced by V5P0S through an internal switch. The RDSon of
the internal switch it 900m
Ω
Description
Value [max, m
Ω]
Val
Input power path board resistance
20
-
Output power path board resistance
200
-
Input, output rails wirebond & internal FET RDS-ON
1200
A,D,E
Table 84: VHDMI Power Switch Specification
Register Name
VHDMI_CTRL
Address
0x6D
Page 1
Read/Write
Reset Value
0x02
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
VHDMI
_SEL
VHDMI
_EN
VHDMI_EN
0
1
VHDMI_EN off
VHDMI_EN on
VHDMI_SEL
0
1
VHDMI_EN controlled by SLP_S0iX_B according sequencing
VHDMI_EN controlled by VHDMI_CTRL.VHDMI_EN bit
Regardless of VHDMI_EN and VHDMI_SEL, VHDMI is disable when
SLP_S3_B is asserted, means low
The maximum current of this power domain is defined to 55mA
VHDMI_CTRL.
SLP_S3_B
VHDMI
VHDMI_SEL
VHDMI_EN
1
0
1
Off
1
1
1
On
x
x
0
Off
Table 85: VHDMI Truth Table
VLP Low Power Regulator
11.6.13
The LDO_LP will be used for running the internal sequencer. It is supplied by the system supply voltage VSYS.
This allows a power up prior the system power domains. This LDO acts as the supply for the bias, reference,
OTP and DA6021 registers.
Electrical Characteristics (Ta = -40 to +85 ºC) VSUP = 2.7 to 4.5V
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Val
VSYS1
Input Voltage
VSYS2
2.7
4.5
V
-
VLP
Output Voltage
IOUT= Imax
2.45
2.5
2.55
V
A
Accuracy
Room
temperature
0.6
%
A
Cstab
Stabilization capacitor
Tolerance of ±
35%
2.2
µF
-
Cdec
Decoupling capacitor
Tolerance of ±
220
nF
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com