Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 111Page - Renesas Technology Corp DA6021 Datasheet HTML 112Page - Renesas Technology Corp DA6021 Datasheet HTML 113Page - Renesas Technology Corp DA6021 Datasheet HTML 114Page - Renesas Technology Corp DA6021 Datasheet HTML 115Page - Renesas Technology Corp DA6021 Datasheet HTML 116Page - Renesas Technology Corp DA6021 Datasheet HTML 117Page - Renesas Technology Corp DA6021 Datasheet HTML 118Page - Renesas Technology Corp DA6021 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
115 of 224
www.dialog-semiconductor.com
11.6.12.2 V5P0S Registers
Register Name
V5P0S_CTRL
Address
0x6A
Page 1
Read/Write
Reset Value
0x60
MSB
LSB
R/W
R/W
R/W
R
R
R
R/W
R/W
V5P0S_VSEL
reserved
V5P0S
_SEL
V5P0S
_EN
V5P0S_EN
0
1
V5P0S off
V5P0S on
V5P0S_SEL
0
1
V5P0S controlled by SLP_S3_B according to
sequencing
V5P0S controlled by V5P0S_CTRL.V5P0S_EN bit
Regardless of V5P0S_EN and V5P0S_SEL, V5P0 is
disable when SLP_S3_B is asserted, means low
V5P0S_VSEL
000
001
010
011
100
101
110
111
4.500V
4.750V
5.000V
5.050V nominal voltage
5.100V
reserved
5.250V
5.500V
V5P0S_CTRL.
SLP_S3_B
V5P0S
V5P0S_SEL
V5P0S_EN
1
0
1
Off
1
1
1
On
x
x
0
Off
Table 79: V5P0S Truth Table
11.6.12.3 V5P0S Subsystems
VHOST:
This voltage rail is used for the 5V VBUS providing energy to the USB2/3 host, switched by an external power
switch.
Register Name
VHOST_CTRL
Address
0x6B
Page 1
Read/Write
Reset Value
0x02
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
VHOST
_SEL
VHOST
_EN
VHOST_EN
0
1
VHOST_EN set to high
VHOST_EN set to low
VHOST_SEL
0
1
VHOST_EN controlled by SLP_S0iX_B according to sequencing
VHOST_EN controlled by VHOST_CTRL.VHOST_EN bit
Regardless of VHOST_EN and VHOST_SEL, VHOST_EN is low
when SLP_S3_B is asserted, means low
The maximum current of this power domain is defined to 900mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com