Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 108Page - Renesas Technology Corp DA6021 Datasheet HTML 109Page - Renesas Technology Corp DA6021 Datasheet HTML 110Page - Renesas Technology Corp DA6021 Datasheet HTML 111Page - Renesas Technology Corp DA6021 Datasheet HTML 112Page - Renesas Technology Corp DA6021 Datasheet HTML 113Page - Renesas Technology Corp DA6021 Datasheet HTML 114Page - Renesas Technology Corp DA6021 Datasheet HTML 115Page - Renesas Technology Corp DA6021 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
112 of 224
www.dialog-semiconductor.com
V3P3S:
V3P3S is the voltage rail which is sourced by V3P3A and switched by an external P-channel FET. The power
domain is used to power the display, MIPI LVDS bridge, SSD drive and audio codecs. The control signal
V3P3S_EN_B is supplied by V3P3A and when asserted low, the signal slew rate is controlled to limit the in-rush
current when the external P-channel FET turns on.
Register Name
V3P3S_CTRL
Address
0x69
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
V3P3S
_SEL
V3P3S
_EN
V3P3S_EN
0
1
V3P3S_EN_B set to high
V3P3S_EN_B set to low
V3P3S_SEL
0
1
V3P3S_EN_B controlled by SLP_S3_B according to sequencing
V3P3S_EN_B controlled by V3P3S_CTRL.V3P3S_EN bit
Regardless of V3P3S_EN and V3P3S_SEL, V3P3S_EN_B is high
when SLP_S3_B is asserted, means low
V3P3S_CTRL.
SLP_S3_B
V3P3S_EN_B
V3P3S_SEL
V3P3S_EN
1
0
1
High
1
1
1
Low
x
X
0
High
Table 74: V3P3S_EN_B Truth Table
V3P3S external P-channel power switch parameters:
Rdson (Vgs=3.3V)
35-62.5mohm
Input capacitance, Ciss
750-2000pF
Output capacitance, Coss
150-530pF
Reverse transfer capacitance, Crss
100-360pF
VUSBPHY:
VUSBPHY is composed of V3P3A or VSYS via an internal power rail switch. It sources power from V3P3A
whenever the V3P3A buck boost converter is enabled. When V3P3A is switched off VUSBPHY is sourced by
VSYS.
Description
Value [max, m
Ω]
Val
V3P3A input power path board resistance
10
-
VSYS input power path board resistance
10
-
Output power path board resistance
20
-
Input, output rails wirebond & internal FET RDS-ON
305
A,D,E
Table 75: VUSBPHY Power Switch Specification
VSDIO:
This power rail supplies energy towards the SDIO/MMC subsystem. The power rail is either supplied by 1.8V via
V1P8_A buck converter or by V3P3_A. In case of a 3.3V supply, the internal switch has a RDSon of 200mΩ, in
case of 1.8V the RDSon is 80mΩ. The maximum current is defined to 200mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com