Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 106Page - Renesas Technology Corp DA6021 Datasheet HTML 107Page - Renesas Technology Corp DA6021 Datasheet HTML 108Page - Renesas Technology Corp DA6021 Datasheet HTML 109Page - Renesas Technology Corp DA6021 Datasheet HTML 110Page - Renesas Technology Corp DA6021 Datasheet HTML 111Page - Renesas Technology Corp DA6021 Datasheet HTML 112Page - Renesas Technology Corp DA6021 Datasheet HTML 113Page - Renesas Technology Corp DA6021 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
110 of 224
www.dialog-semiconductor.com
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Val
Efficiency at VSYS = 3.7V & Tamb=60°C
with proposed external components and PCB
layout
See Figure 43
D,E,
A*
Sleep Mode
– Pulse skipping (PSK)
Efficiency at VSYS = 3.7V & Tamb=60°C with
proposed external components and PCB
layout
See Figure 43
D,E,
A*
Table 71: Electrical Parameter for BUCKBOOST_V3P3A
Figure 43:V3P3A Efficiency
11.6.11.2 V3P3A Registers
Register Name
V3P3A_CTRL
Address
0x67
Page 1
Read/Write
Reset Value
0x60
MSB
LSB
R/W
R/W
R/W
R
R
R
R/W
R/W
V3P3A_VSEL
reserved
V3P3A
_SEL
V3P3A
_EN
V3P3A_EN
0
1
V3P3A off
V3P3A on
V3P3A_SEL
0
1
V3P3A controlled by SUSPWRDNACK according to sequencing
V3P3A controlled by V3P3A_CTRL.V3P3A_EN bit
Regardless of V3P3A_EN and V3P3A_SEL, V3P3A is disable when
SUSPWRDNACK is de-asserted, means high
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0,0
0,5
1,0
1,5
2,0
Output Current [A]
V3P3A Efficiency vs. output current, Vin = 3.7V, Vout = 3.30V, Auto Mode
Vin = 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com