Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 99Page - Renesas Technology Corp DA6021 Datasheet HTML 100Page - Renesas Technology Corp DA6021 Datasheet HTML 101Page - Renesas Technology Corp DA6021 Datasheet HTML 102Page - Renesas Technology Corp DA6021 Datasheet HTML 103Page - Renesas Technology Corp DA6021 Datasheet HTML 104Page - Renesas Technology Corp DA6021 Datasheet HTML 105Page - Renesas Technology Corp DA6021 Datasheet HTML 106Page - Renesas Technology Corp DA6021 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
103 of 224
www.dialog-semiconductor.com
V1P2SX_CTRL.
SLP_S3_B
V1P2SX
V1P2SX_SEL
V1P2SX_EN
1
0
1
Off
1
1
1
On
x
x
0
Off
Table 62: V1P2SX Truth Table
Power Rail VSYSU
11.6.7
VSYSU is the voltage rail that sources power of VSYS through an external power switch. This power domain is
used to source communication and the modem. The external power switch is generated via a P-channel FET.
DA6021 provides an enable signal VSYSU_EN_B supplied by VSYS, driving the gate of the external FET.
DA6021 provides also a feedback input signal VSYSU_FB to control the slew rate and limit the inrush current
Register Name
VSYSU_CTRL
Address
0x62
Page 1
Read/Write
Reset Value
0x02
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
VSYSU
_SEL
VSYSU
_EN
VSYSU_EN
0
1
VSYSU off
VSYSU on
VSYSU_SEL
0
1
VSYSU controlled by SLP_S4_B according to sequencing
VSYSU controlled by VSYSU_CTRL.VSYSU_EN bit
Regardless of VSYSU_EN and VSYSU_SEL, VSYSU_EN_B is high
when SLP_S4_B is asserted, means low
VSYSU_CTRL.
SLP_S4_B
VSYSU_EN_B
VSYSU_SEL
VSYSU_EN
1
0
1
High
1
1
1
Low
x
x
0
High
Table 63: VSYSU_EN_B Truth Table
VSYSU external P-channel power switch parameters:
Rdson (Vgs=3.7V)
15-35mohm
Input capacitance, Ciss
750-2315pF
Output capacitance, Coss
265-900pF
Reverse transfer capacitance, Crss
240-800pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com