Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 149Page - Renesas Technology Corp DA6021 Datasheet HTML 150Page - Renesas Technology Corp DA6021 Datasheet HTML 151Page - Renesas Technology Corp DA6021 Datasheet HTML 152Page - Renesas Technology Corp DA6021 Datasheet HTML 153Page - Renesas Technology Corp DA6021 Datasheet HTML 154Page - Renesas Technology Corp DA6021 Datasheet HTML 155Page - Renesas Technology Corp DA6021 Datasheet HTML 156Page - Renesas Technology Corp DA6021 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
153 of 224
www.dialog-semiconductor.com
16. System Voltage & Temperature Monitoring
Overview
16.1
The system voltage and temperature monitoring allows high power, high temperature events as well as the
system voltage monitoring. These functions allow several system conditions to be monitored by DA6021, taking
autonomous action and informing the SoC on system voltage and temperature events.
The SVTM will monitor the following:
System voltage input VSYS: in SOC_S0 via the ADC channel 8
DA6021 onDie temperature: this is done via comparator in real time and via ADC channel 2
Battery temperature: 2 ADC channels (channel 3 & 4)
Platform temperature: 3 ADC channels (channel 5, 6 & 7)
Under Voltage: A comparator flags such a condition.
Over Voltage: A comparator will flag such a condition
In reaction to either threshold crosses or a flag coming from several comparators the SVTM will drive several
pins on DA6021 for use by the processor and to other platform components. According to the condition it can
generate warnings, and or interrupts and can generate a shutdown event.
Register Name
TS_ENABLE
Address
0x90
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R/W
R/W
R/W
R/W
R/W
R/W
reserved
PMICEN
BAT1EN
BAT0EN
SYS2EN
SYS1EN
SYS0EN
SYS0EN
0
1
Platform sensor 0 disable
Enable
SYS1EN
0
1
Platform sensor 1 disable
Enable
SYS2EN
0
1
Platform sensor 2 disable
Enable
BAT0EN
0
1
Battery sensor 0 disable
Enable
BAT1EN
0
1
Battery sensor 1 disable
Enable
PMICEN
0
1
PMIC sensor 0 disable
Enable
Register Name
TS_CRIT_ENABLE
Address
0x91
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R/W
R/W
R/W
R/W
R/W
R/W
reserved
PMICEN
BAT1EN
BAT0EN
SYS2EN
SYS1EN
SYS0EN
SYS0EN
0
1
Platform sensor 0 disable
Enable
SYS1EN
0
1
Platform sensor 1 disable
Enable
SYS2EN
0
1
Platform sensor 2 disable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com