Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 109 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 109 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 105Page - Altera Corporation APEX20K Datasheet HTML 106Page - Altera Corporation APEX20K Datasheet HTML 107Page - Altera Corporation APEX20K Datasheet HTML 108Page - Altera Corporation APEX20K Datasheet HTML 109Page - Altera Corporation APEX20K Datasheet HTML 110Page - Altera Corporation APEX20K Datasheet HTML 111Page - Altera Corporation APEX20K Datasheet HTML 112Page - Altera Corporation APEX20K Datasheet HTML 113Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 117 page
background image
Altera Corporation
109
APEX 20K Programmable Logic Device Family Data Sheet
Tables 103 through 108 describe fMAX LE Timing Microparameters, fMAX
ESB Timing Microparameters, fMAX Routing Delays, Minimum Pulse
Width Timing Parameters, External Timing Parameters, and External
Bidirectional Timing Parameters for EP20K1500E APEX 20KE devices.
Table 102. EP20K1000E External Bidirectional Timing Parameters
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU BIDIR
3.22
3.33
3.51
ns
tI N H B ID IR
0.00
0.00
0.00
ns
tOUT C OBIDIR
2.00
5.75
2.00
6.33
2.00
6.90
ns
tXZ BIDIR
6.31
7.09
7.76
ns
tZX BIDIR
6.31
7.09
7.76
ns
tINSU BIDIRPL L
3.25
3.26
ns
tI N H B ID IR P L L
0.00
0.00
ns
tOUT C OBIDIRP LL
0.50
2.25
0.50
2.99
ns
tXZ BIDIRPL L
2.81
3.80
ns
tZX BIDIRPL L
2.81
3.80
ns
Table 103. EP20K1500E fMAX LE Timing Microparameters
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tSU
0.25
0.25
0.25
ns
tH
0.25
0.25
0.25
ns
tCO
0.28
0.32
0.33
ns
tLUT
0.80
0.95
1.13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com