Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 111 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 111 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 107Page - Altera Corporation APEX20K Datasheet HTML 108Page - Altera Corporation APEX20K Datasheet HTML 109Page - Altera Corporation APEX20K Datasheet HTML 110Page - Altera Corporation APEX20K Datasheet HTML 111Page - Altera Corporation APEX20K Datasheet HTML 112Page - Altera Corporation APEX20K Datasheet HTML 113Page - Altera Corporation APEX20K Datasheet HTML 114Page - Altera Corporation APEX20K Datasheet HTML 115Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 117 page
background image
Altera Corporation
111
APEX 20K Programmable Logic Device Family Data Sheet
Table 106. EP20K1500E Minimum Pulse Width Timing Parameters
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tCH
1.25
1.43
1.67
ns
tCL
1.25
1.43
1.67
ns
tCLRP
0.20
0.20
0.20
ns
tPREP
0.20
0.20
0.20
ns
tESBCH
1.25
1.43
1.67
ns
tESBCL
1.25
1.43
1.67
ns
tESBWP
1.28
1.51
1.65
ns
tESBRP
1.11
1.29
1.41
ns
Table 107. EP20K1500E External Timing Parameters
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
3.09
3.30
3.58
ns
tINH
0.00
0.00
0.00
ns
tOUT C O
2.00
6.18
2.00
6.81
2.00
7.36
ns
tINSU PLL
1.94
2.08
-
ns
tINHP LL
0.00
0.00
-
ns
tOUT C OPLL
0.50
2.67
0.50
2.99
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com