Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 114 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 114 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 109Page - Altera Corporation APEX20K Datasheet HTML 110Page - Altera Corporation APEX20K Datasheet HTML 111Page - Altera Corporation APEX20K Datasheet HTML 112Page - Altera Corporation APEX20K Datasheet HTML 113Page - Altera Corporation APEX20K Datasheet HTML 114Page - Altera Corporation APEX20K Datasheet HTML 115Page - Altera Corporation APEX20K Datasheet HTML 116Page - Altera Corporation APEX20K Datasheet HTML 117Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 114 / 117 page
background image
114
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
SRAM configuration elements allow APEX 20K devices to be
reconfigured in-circuit by loading new configuration data into the
device. Real-time reconfiguration is performed by forcing the device
into command mode with a device pin, loading different
configuration data, reinitializing the device, and resuming user-
mode operation. In-field upgrades can be performed by distributing
new configuration files.
Configuration Schemes
The configuration data for an APEX 20K device can be loaded with
one of five configuration schemes (see Table 111), chosen on the basis
of the target application. An EPC2 or EPC16 configuration device,
intelligent controller, or the JTAG port can be used to control the
configuration of an APEX 20K device. When a configuration device
is used, the system can configure automatically at system power-up.
Multiple APEX 20K devices can be configured in any of five
configuration schemes by connecting the configuration enable (nCE)
and configuration enable output (nCEO) pins on each device.
f For more information on configuration, see Application Note 116
(Configuring APEX 20K, FLEX 10K, & FLEX 6000 Devices.)
Device Pin-Outs
See the Altera web site (http://www.altera.com) or the Altera Digital
Library
for pin-out information
Table 111. Data Sources for Configuration
Configuration Scheme
Data Source
Configuration device
EPC1, EPC2, EPC16 configuration devices
Passive serial (PS)
MasterBlaster or ByteBlasterMV download cable or serial data source
Passive parallel asynchronous (PPA)
Parallel data source
Passive parallel synchronous (PPS)
Parallel data source
JTAG
MasterBlaster or ByteBlasterMV download cable or a microprocessor
with a Jam or JBC File



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com