Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 115 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 115 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 109Page - Altera Corporation APEX20K Datasheet HTML 110Page - Altera Corporation APEX20K Datasheet HTML 111Page - Altera Corporation APEX20K Datasheet HTML 112Page - Altera Corporation APEX20K Datasheet HTML 113Page - Altera Corporation APEX20K Datasheet HTML 114Page - Altera Corporation APEX20K Datasheet HTML 115Page - Altera Corporation APEX20K Datasheet HTML 116Page - Altera Corporation APEX20K Datasheet HTML 117Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
Altera Corporation
115
APEX 20K Programmable Logic Device Family Data Sheet
Revision
History
The information contained in the APEX 20K Programmable Logic Device
Family Data Sheet version 5.1 supersedes information published in
previous versions.
Version 5.1
APEX 20K Programmable Logic Device Family Data Sheet version 5.1
contains the following changes:
■
In version 5.0, the VI input voltage spec was updated in Table 28 on
page 63.
■
In version 5.0, Note (5) to Tables 27 through 30 was revised.
■
Added Note (2) to Figure 21 on page 33.
Version 5.0
APEX 20K Programmable Logic Device Family Data Sheet version 5.0
contains the following changes:
■
Updated Tables 23 through 26. Removed 2.5-V operating condition
tables because all APEX 20K devices are now 5.0-V tolerant.
■
Updated conditions in Tables 33, 38 and 39.
■
Updated data for tESBDATAH parameter.
Version 4.3
APEX 20K Programmable Logic Device Family Data Sheet version 4.3
contains the following changes:
■
Updated Figure 20.
■
Updated Note (2) to Table 13.
■
Updated notes to Tables 27 through 30.
Version 4.2
APEX 20K Programmable Logic Device Family Data Sheet version 4.2
contains the following changes:
■
Updated Figure 29.
■
Updated Note (1) to Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com