Electronic Components Datasheet Search
  English  ▼

X  

APEX20K Datasheet(PDF) 113 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 113 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 109Page - Altera Corporation APEX20K Datasheet HTML 110Page - Altera Corporation APEX20K Datasheet HTML 111Page - Altera Corporation APEX20K Datasheet HTML 112Page - Altera Corporation APEX20K Datasheet HTML 113Page - Altera Corporation APEX20K Datasheet HTML 114Page - Altera Corporation APEX20K Datasheet HTML 115Page - Altera Corporation APEX20K Datasheet HTML 116Page - Altera Corporation APEX20K Datasheet HTML 117Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 113 / 117 page
background image
Altera Corporation
113
APEX 20K Programmable Logic Device Family Data Sheet
Power
Consumption
To estimate device power consumption, use the interactive power
calculator on the Altera web site at http://www.altera.com.
Configuration &
Operation
The APEX 20K architecture supports several configuration schemes. This
section summarizes the device operating modes and available device
configuration schemes.
Operating Modes
The APEX architecture uses SRAM configuration elements that require
configuration data to be loaded each time the circuit powers up. The
process of physically loading the SRAM data into the device is called
configuration. During initialization, which occurs immediately after
configuration, the device resets registers, enables I/O pins, and begins to
operate as a logic device. The I/O pins are tri-stated during power-up,
and before and during configuration. Together, the configuration and
initialization processes are called command mode; normal device operation
is called user mode.
Before and during device configuration, all I/O pins are pulled to VCCIO
by a built-in weak pull-up resistor.
Table 110. Selectable I/O Standard Output Delays
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
Min
LVCMOS
0.00
0.00
0.00
ns
LVTTL
0.00
0.00
0.00
ns
2.5 V
0.00
0.09
0.10
ns
1.8 V
2.49
2.98
3.03
ns
PCI
–0.03
0.17
0.16
ns
GTL+
0.75
0.75
0.76
ns
SSTL-3 Class I
1.39
1.51
1.50
ns
SSTL-3 Class II
1.11
1.23
1.23
ns
SSTL-2 Class I
1.35
1.48
1.47
ns
SSTL-2 Class II
1.00
1.12
1.12
ns
LVDS
–0.48
–0.48
–0.48
ns
CTT
0.00
0.00
0.00
ns
AGP
0.00
0.00
0.00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com