Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 183 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 183 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 179Page - PMC-Sierra, Inc PM73121 Datasheet HTML 180Page - PMC-Sierra, Inc PM73121 Datasheet HTML 181Page - PMC-Sierra, Inc PM73121 Datasheet HTML 182Page - PMC-Sierra, Inc PM73121 Datasheet HTML 183Page - PMC-Sierra, Inc PM73121 Datasheet HTML 184Page - PMC-Sierra, Inc PM73121 Datasheet HTML 185Page - PMC-Sierra, Inc PM73121 Datasheet HTML 186Page - PMC-Sierra, Inc PM73121 Datasheet HTML 187Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

NOTES:
•
SEND_OAM _0 has a higher priority than SEND_OAM_1. Therefore, if the correct
order of OAM cell transmission is important, both bits should not be set at the same
time. After SEND_OAM_0 is requested to be sent, the software can build the second
cell in memory, but should not set the SEND_OAM_1 bit until it has detected that the
SEND_OAM_0 bit has been cleared.
•
Both attention bits (CSD_ATTN and CMD_REG_ATTN) cannot be set simulta-
neously.
Dual port RAM testing is enabled when the PROC_TEST_ACCESS bit is asserted. All processor
accesses will then be directed to the internal RAMs. Address bits 6:0 are used to provide the
address for the write port and bits 13:7 are used to provide the address for the read port. Bit 15 and
14 select the respective RAM based upon the following code.
7.10
Activating a New Line After Reset
The microprocessor can activate or deactivate a new line at any time without affecting lines
already in service. The microprocessor should change the line and then set the line CMD_REG_
ATTN bit in the microprocessor attention register, informing the AAL1gator II that it must
interrogate the memory for line status changes. After the requested change has been performed,
the AAL1gator II clears the attention bit. The microprocessor must not request another change
CSD_ATTN
(4)
When written with a 1, causes the device to “OR” the T_ADD_QUEUE table with the
first entry in the calendar queue, thereby starting up VCs. Resets to 0. Reads as 0 when
the operation is complete. This operation normally takes up to 3 ms, but is blocked if the
TALP is not allowed to build new cells. In the presence of severe backpressure at the
transmit UTOPIA port, the CSD_ATTN bit may not clear.
CMD_REG_ATTN
(3)
When written with a 1, causes the device to write the device revision code into the
DEVICE_REV location, read the COMP_LIN_REG location, and finally read the eight
LIN_STR_MODE locations. Reads as a 0 when the operation is complete. Resets to 0.
SEND_OAM_1
(2)
A write of 1 causes the cell in the TX OAM buffer 1 to be sent. Reads as a 0 when the
cell has been sent. Resets to 0.
SEND_OAM_0
(1)
A write of 1 causes the cell in the TX OAM buffer 0 to be sent. Reads as a 0 when the
cell has been sent. Resets to 0.
OAM_INT_MASK
(0)
When set, disables the OAM receive interrupt. Resets to 1.
Bits (15:14)
Description
00
Not used.
01
Signal data FIFO.
10
Receive FIFO.
11
Transmit FIFO.
Field (Bits)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com