Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 182 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 182 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 178Page - PMC-Sierra, Inc PM73121 Datasheet HTML 179Page - PMC-Sierra, Inc PM73121 Datasheet HTML 180Page - PMC-Sierra, Inc PM73121 Datasheet HTML 181Page - PMC-Sierra, Inc PM73121 Datasheet HTML 182Page - PMC-Sierra, Inc PM73121 Datasheet HTML 183Page - PMC-Sierra, Inc PM73121 Datasheet HTML 184Page - PMC-Sierra, Inc PM73121 Datasheet HTML 185Page - PMC-Sierra, Inc PM73121 Datasheet HTML 186Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

R_DATA_BUFFER_n Word Format
7.9
CMDREG (Command Register)
Organization: 1 register
Base address: 20000
h
Index: 1
h
Type: Read/Write
Hardware Reset Value: xx21
h
Function: Allows the microprocessor to signal events to the AAL1gator II.
Format: Refer to the following table.
CMDREG Word Format
Field (Bits)
Description
R_DATA_H
(15:8)
Receive data for:
Channel = (offset mod 16)
× 2 + 1.
E1 frame = (offset mod 256)
÷ 16.
T1 frame = (offset mod 512)
÷ 16.
E1 multiframe = (offset mod 8192)
÷ 256.
T1 multiframe = (offset mod 8192)
÷ 512.
Line = offset
÷ 8192.
E1 offset = line
× 8192 + multiframe(E1) × 256 + frame(E1) × 16 + (chan-1) ÷ 2.
T1 offset = line
× 8192 + multiframe(T1) × 512 + frame(T1) × 16 + (chan-1) ÷ 2.
R_DATA_L
(7:0)
Receive data for:
Channel = (offset mod 16)
× 2.
E1 frame = (offset mod 256)
÷ 16.
T1 frame = (offset mod 512)
÷ 16.
E1 multiframe = (offset mod 8192)
÷ 256.
T1 multiframe = (offset mod 8192)
÷ 512.
Line = offset
÷ 8192.
E1 offset = line
× 8192 + multiframe(E1) × 256 + frame(E1) × 16 + channel ÷ 2.
T1 offset = line
× 8192 + multiframe(T1) × 512 + frame(T1) × 16 + channel ÷ 2.
Field (Bits)
Description
Not used
(15:8)
Write with a 0 to maintain compatibility with future software versions.
(Reserved)
PROC_TEST_ACCESS
(7)
Initialize to 0.
When set, destructively allows access to the internal FIFOs for testing purposes. The
device should be reset with either the /RESET pin or the SW_RESET register after this
operation is performed. For production test use only.
CLR_RX_OAM_LATCH
(6)
When set, causes the receive OAM interrupt latch to be cleared. On read:
1 means an OAM interrupt is present.
0 means an OAM interrupt is not present.
SW_RESET
(5)
When set, causes all of the device except the microprocessor interface to be held in reset.
While set, the external SRAM may be accessed. When switching to or from UDF-HS
mode, this bit must be asserted. Resets to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com