Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 178 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 178 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 174Page - PMC-Sierra, Inc PM73121 Datasheet HTML 175Page - PMC-Sierra, Inc PM73121 Datasheet HTML 176Page - PMC-Sierra, Inc PM73121 Datasheet HTML 177Page - PMC-Sierra, Inc PM73121 Datasheet HTML 178Page - PMC-Sierra, Inc PM73121 Datasheet HTML 179Page - PMC-Sierra, Inc PM73121 Datasheet HTML 180Page - PMC-Sierra, Inc PM73121 Datasheet HTML 181Page - PMC-Sierra, Inc PM73121 Datasheet HTML 182Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

R_CHAN_ALLOC(15:0) Word Format
R_CHAN_ALLOC(31:16) Word Format
R_DROPPED_CELLS Word Format
NODROP_IN_START
(3)
In the “Fast SN Algorithm” for SN processing, the first cell received will
always be dropped because a sequence has not been established yet. This bit
disables the automatic dropping of cells while in the START state. Refer to
section 3.6 “Receive Adaptation Layer Processor (RALP)” starting on page 46
for more information.
0
When SN_STATE (refer to “SN_STATE” on page 155) equals
“000
b”, any received cell will be dropped.
1
When SN_STATE (refer to “SN_STATE” on page 155) equals
“000
b”, any received cell with valid SNP will be accepted.
MAX_INSERT
(2:0)
The maximum number of cells that will be inserted when cells are lost. If the
number of cells lost exceeds MAX_INSERT, then the queue will be forced
into underrun. If this value is set to 000
b, it is interpreted the same as 111b,
which means that up to seven cells will be inserted.
Field (Bits)
Description
R_CHAN_ALLOC
(15:0)
A bit table with a bit set per DS0 allocated to this queue for DS0s 15 to 0 on
the line defined by queue
÷ 32. In UDF-ML and UDF-HS modes, initialize to
FFFFh. (DS0 15 is in bit 15).
Field (Bits)
Description
R_CHAN_ALLOC
(15:0)
A bit table with a bit set per DS0 allocated to this queue for DS0s 31 to 16 on
the line defined by queue
÷ 32. In UDF-ML and UDF-HS modes, initialize to
FFFF
h. (DS0 31 is in bit 15).
Field (Bits)
Description
R_DROPPED_CELLS
(15:0)
16-bit rollover count of dropped non-OAM cells. Initialize to 0. Once
initialized, do not write to this word. Cells may be dropped due to:
• Pointer mismatch.
• Overrun.
• Blank allocation table (refer to “R_CHAN_ALLOC(15:0) Word For-
mat” on page 161).
• SN processing.
• Structured cell received while in underrun but structure start has not
been found yet.
Field (Bits)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com