Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 174 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 174 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 170Page - PMC-Sierra, Inc PM73121 Datasheet HTML 171Page - PMC-Sierra, Inc PM73121 Datasheet HTML 172Page - PMC-Sierra, Inc PM73121 Datasheet HTML 173Page - PMC-Sierra, Inc PM73121 Datasheet HTML 174Page - PMC-Sierra, Inc PM73121 Datasheet HTML 175Page - PMC-Sierra, Inc PM73121 Datasheet HTML 176Page - PMC-Sierra, Inc PM73121 Datasheet HTML 177Page - PMC-Sierra, Inc PM73121 Datasheet HTML 178Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

R_MAX_BUF Word Format
NOTE: This word is maintained by the microprocessor.
R_SEQUENCE_ERR Word Format
Reserved
(12:9)
Initialize to 0 to maintain future software compatibility.
R_END_UNDERRUN_PTR
(8:0)
Location read pointer needs to reach after an underrun to begin playing out
new data. Initialize to 0 to maintain future software compatibility.
Field (Bits)
Description
R_CHAN_UNSTRUCT
(15)
Set to 1 only when receiving cells with a single DS0 without a pointer in the SDF-FR
mode. This bit is valid only in SDF-FR mode. To conform to the CES standard V 2.0
(refer to Appendix B, “References”, on page 203) when using a single DS0 in SDF-FR
mode, no pointer should be used.
R_CHAN_NO_SIG
(14)
Set to 1 to receive cells without signaling when the line is in SDF-MF mode. This is the
same as using this queue in SDF-FR mode, which means that the structure forms on
frame boundaries instead of multiframe boundaries. The R_SIG_BUFFER will never
be updated for this queue. However, the TL_SIG output will drive the value that was
initialized into this timeslot in T_SIG_BUFFER.
R_CHAN_DISABLE
(13)
Set to 1 to drop all cells for this queue. Set to 0 for normal operation. Cells dropped
because of this bit are recorded in the ALLOC_TBL_BLANK sticky bit.
Not used
(12:9)
Write with 0 to maintain future software compatibility.
R_MAX_BUF
(8:0)
Receiver maximum buffer size. The R_MAX_BUF is coded as the number of frames.
In all structured modes, this is the number of frames. In all unstructured modes, this is
the number of 256-bit increments. If the amount of data in the receive buffer exceeds
R_MAX_BUF, no more data will be written, an overflow will be reported, and the
queue will be forced into underrun. The maximum value of R_MAX_BUF is 1FE
h. R_
MAX_BUF should be set to at least 2 * R_CDVT, or R_CDVT + 2 * (number of
frames per cell), whichever is greater.
Field (Bits)
Description
R_SEQUENCE_ERR
(15:0)
16-bit rollover count of SN errors. This counter counts transitions from the
SYNC state to the OUT_OF_SEQUENCE state. This is the
atmfCESAal1SeqErrors count from the CES specification.
Note that if SN processing is disabled, this counter will count all
out-of-sequence cells. Initialize to 0. Once initialized, do not write to this
word.
Field (Bits)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com