Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 172Page - PMC-Sierra, Inc PM73121 Datasheet HTML 173Page - PMC-Sierra, Inc PM73121 Datasheet HTML 174Page - PMC-Sierra, Inc PM73121 Datasheet HTML 175Page - PMC-Sierra, Inc PM73121 Datasheet HTML 176Page - PMC-Sierra, Inc PM73121 Datasheet HTML 177Page - PMC-Sierra, Inc PM73121 Datasheet HTML 178Page - PMC-Sierra, Inc PM73121 Datasheet HTML 179Page - PMC-Sierra, Inc PM73121 Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

R_TOT_SIZE Word Format
NOTE: This word is maintained by the microprocessor.
R_DATA_LAST Word Format
NOTE: This word is maintained by the microprocessor.
SRTS_UNDERRUN
(4)
A cell was received while the SRTS queue was in underrun.
RESUME
(3)
A resume has occurred: a valid cell was received and stored into the buffer. This cell will
be played out after 1 CDVT.
PTR_MISMATCH
(2)
A cell was dropped because of a pointer mismatch. This event causes a forced underrun
condition.
OVERRUN
(1)
A cell was dropped due to overrun. The receive buffer exceeded the maximum allowed
depth. This event causes a forced underrun condition.
UNDERRUN
(0)
A cell was received while the queue was in underrun.
Field (Bits)
Description
Not used
(15:10)
Write with a 0 to maintain future software compatibility.
R_TOT_SIZE
(9:0)
Total number of bytes in the structure, minus one (for example, for an E1 SDF-MF VC
with two DS0s, R_TOT_SIZE is set to 32). This field is not used in UDF-ML or
UDF-HS mode.
Three formulas for R_TOT_SIZE are:
For T1/E1 SDF-FR:
R_TOT_SIZE = no. of DS0s
− 1
For T1 SDF-MF and E1_W_T1_SIG:
R_TOT_SIZE =
For E1 SDF-MF:
R_TOT_SIZE =
Field (Bits)
Description
Not used
(15:13)
Write with a 0 to maintain future software compatibility.
LAST_CHAN
(12:8)
Channel number (0 to 31) of the last DS0 with a bit set in the R_CHAN_ALLOC bit
table (refer to “R_CHAN_ALLOC(15:0) Word Format” and “R_CHAN_
ALLOC(31:16) Word Format” on page 161). Not used in UDF-ML or UDF-HS modes.
Not used
(7:6)
Write with a 0 to maintain future software compatibility.
Field (Bits)
Description
24
(
no. of DS0s
)
no. of DS0s
1
+
()
2
--------------------------------------------
1
–
+
×
16
(
no. of DS0s
)
×
no. of DS0s
1
+
()
2
--------------------------------------------
1
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com