| Electronic Components Datasheet Search |
|
PM73121 Datasheet(PDF) 175 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM73121 Datasheet(HTML) 175 Page - PMC-Sierra, Inc |
|
175 / 223 page ![]() PMC-Sierra, Inc. PM73121 AAL1gator II PMC-980620 ,VVXH AAL1 SAR Processor Data Sheet QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@ R_INCORRECT_SNP Word Format R_CELL_CNT Word Format R_ERROR_STKY Word Format NOTE: Receive sticky bits should be used for statistics gathering purposes only as there is no means of clearing them without the possibility of missing an occurrence. Initialize to 0. Field (Bits) Description R_INCORRECT_SNP (15:0) 16-bit rollover count of cells with SNP errors. This is the atmfCESHdrErrors counter from the CES specification. Initialize to 0. Once initialized, do not write to this word. Field (Bits) Description R_CELL_CNT (15:0) 16-bit rollover count of received cells. This is the atmfCESReassCells counter from the CES specification. Initialize to 0. Once initialized, do not write to this word. Field (Bits) Description TRANSFER (15) This bit is read then written with the same value each time the AAL1gator II receives a cell. This feature allows the processor to determine if the AAL1gator II was in the middle of a read then write cycle when the processor cleared the other sticky bits. To accomplish this each time the processor wants to clear sticky bits, it should complement this bit. Then, if an additional read of this bit showed it to be the wrong value, then the AAL1gator II has had its sticky word update interrupted. CELL_RECEIVED (14) A cell was received. Not used (13:12) Write with a 0 to maintain future software compatibility. ALLOC_TBL_BLANK (11) A cell was dropped because of a blank allocation table or because R_CHAN_DISABLE (refer to “R_MAX_BUF Word Format” on page 157) was asserted. POINTER_SEARCH (10) A cell was dropped because a valid pointer has not yet been found. FORCED_UNDERRUN (9) A cell was dropped because a forced underrun condition exists. A forced underrun condition can be caused by overruns and pointer mismatches. SN_CELL_DROP (8) A cell was dropped in accordance with the “Fast SN Algorithm” (as specified in ITU-T Recommendation I.363.1). POINTER_RECEIVED (7) A valid pointer was received. PTR_PARITY_ERR (6) A cell was received with a pointer parity error. SRTS_RESUME (5) An SRTS resume has occurred. A valid SRTS value was received and stored in the SRTS FIFO. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |