Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 171 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 171 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 167Page - PMC-Sierra, Inc PM73121 Datasheet HTML 168Page - PMC-Sierra, Inc PM73121 Datasheet HTML 169Page - PMC-Sierra, Inc PM73121 Datasheet HTML 170Page - PMC-Sierra, Inc PM73121 Datasheet HTML 171Page - PMC-Sierra, Inc PM73121 Datasheet HTML 172Page - PMC-Sierra, Inc PM73121 Datasheet HTML 173Page - PMC-Sierra, Inc PM73121 Datasheet HTML 174Page - PMC-Sierra, Inc PM73121 Datasheet HTML 175Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.8.11
R_QUEUE_TBL
Organization: 256
× 32 words
Base address: 0A000
h
Index: 20
h
Type: Read/Write
Function: Receive Queue Table contains all the structures and pointers specific to a queue.
The RALP and RFTC blocks both use the R_QUEUE_TBL. Some of the words are
read by both the blocks but written by only one of the blocks.
Format: Each queue is allocated 32 consecutive words. Each word is 16-bits wide. The
organization of the words is as follows.
Offset
Name
Description
0
h
R_STATE_0
Cell receiver state 0.
1
h
R_MP_CONFIG
Bytes per cell and CDVT constant.
2
h
R_STATE_1
Cell receiver state 1.
3
h
R_LINE_STATE
Line state.
4
h
R_MAX_BUF
Receive maximum buffer size.
5
h
R_SEQUENCE_ERR
16-bit rollover count of SN errors.
6
h
R_INCORRECT_SNP
16-bit rollover count of cells with incorrect SNP.
7
h
R_CELL_CNT
16-bit rollover count of played out cells.
8
h
R_ERROR_STKY
Receive sticky bits.
9
h
R_TOT_SIZE
Total bytes in structure.
A
h
R_DATA_LAST
Number of signaling bytes in structure.
B
h
R_TOT_LEFT
Number of bytes remaining in the structure. Initialize to 0 each time this queue is
initialized.
C
h
Not used
Initialize to 0 each time this queue is initialized.
D
h
R_SN_CONFIG
Configures sequence number processing algorithm.
E
h
R_CHAN_ALLOC(15:0)
A bit table with a bit set per DS0 allocated to this queue for DS0s 15 to 0 on the line
defined by queue
÷ 32.
F
h
R_CHAN_ALLOC(31:16)
A bit table with a bit set per DS0 allocated to this queue for DS0s 31 to 16 on the line
defined by queue
÷ 32.
10
h
Reserved (CHNLEFTL)
Initialize to 0 each time this queue is initialized.
11
h
Reserved (CHNLEFTH)
Initialize to 0 each time this queue is initialized.
12
h
R_DROPPED_CELLS
16-bit rollover count of cells that were received but dropped. Initialize to 0.
13
h
R_UNDERRUNS
16-bit rollover count of the occurrences of underrun on this queue. Initialize to 0.
14
h
R_LOST_CELLS
16-bit rollover count of the number of lost cells for this queue. Initialize to 0.
15
h
R_OVERRUNS
16-bit rollover count of the occurrences of overrun on this queue. Initialize to 0.
16
h
R_PTR_REFRAMES
16-bit rollover count of the occurrences of pointer reframes. Initialize to 0.
17
h
R_PTR_PAR_ERR
16-bit rollover count of the occurrences of pointer parity errors. Initialize to 0.
18
h
R_MISINSERTED
16-bit rollover count of the occurrences of misinserted cells. Initialize to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com