Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 168 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 168 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 164Page - PMC-Sierra, Inc PM73121 Datasheet HTML 165Page - PMC-Sierra, Inc PM73121 Datasheet HTML 166Page - PMC-Sierra, Inc PM73121 Datasheet HTML 167Page - PMC-Sierra, Inc PM73121 Datasheet HTML 168Page - PMC-Sierra, Inc PM73121 Datasheet HTML 169Page - PMC-Sierra, Inc PM73121 Datasheet HTML 170Page - PMC-Sierra, Inc PM73121 Datasheet HTML 171Page - PMC-Sierra, Inc PM73121 Datasheet HTML 172Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.8.8
R_COND_DATA
Organization: 16 words
× 8
Base address: 08480
h
Index: 10
h
Type: Read/Write
Function: This table stores the data to be used when RX_COND in the R_CH_TO_
QUEUE_TBL equals “00
h”, “01h”, or “10h”.
Initialization: Initialize to the conditioned data appropriate for the channel. This typically
depends on the type of channel connected to the device. For example, data usually
needs an FF value and voice needs a small PCM value.
Format: Two bytes per word, 16 words per line. Refer to the following table.
R_COND_DATA_n Word Format
R_COND_C_L
(1)
Receive conditioned C signaling bit or A bit if T1 SF for:
Offset = channel
÷ 2 + line × 16.
R_COND_D_L
(0)
Receive conditioned D signaling bit or B bit if T1 SF for:
Offset = channel
÷ 2 + line × 16.
Offset
Name
Description
00000h
R_COND_DATA_0
Receive conditioned data for line 0.
00010
h
R_COND_DATA_1
Receive conditioned data for line 1.
00020
h
R_COND_DATA_2
Receive conditioned data for line 2.
00030
h
R_COND_DATA_3
Receive conditioned data for line 3.
00040
h
R_COND_DATA_4
Receive conditioned data for line 4.
00050
h
R_COND_DATA_5
Receive conditioned data for line 5.
00060
h
R_COND_DATA_6
Receive conditioned data for line 6.
00070
h
R_COND_DATA_7
Receive conditioned data for line 7.
Field (Bits)
Description
R_COND_DATA_H
(15:8)
Receive conditioned data for:
Offset = (channel - 1)
÷ 2 + line × 16.
R_COND_DATA_L
(7:0)
Receive conditioned data for:
Offset = channel
÷ 2 + line × 16.
Field (Bits)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com