Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 164 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 164 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 160Page - PMC-Sierra, Inc PM73121 Datasheet HTML 161Page - PMC-Sierra, Inc PM73121 Datasheet HTML 162Page - PMC-Sierra, Inc PM73121 Datasheet HTML 163Page - PMC-Sierra, Inc PM73121 Datasheet HTML 164Page - PMC-Sierra, Inc PM73121 Datasheet HTML 165Page - PMC-Sierra, Inc PM73121 Datasheet HTML 166Page - PMC-Sierra, Inc PM73121 Datasheet HTML 167Page - PMC-Sierra, Inc PM73121 Datasheet HTML 168Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

3A
1D
00
5D
08
1E
01
5E
02
1F
10
5F
04
20
04
60
10
21
02
61
01
22
08
C5
62
00
23
10
63
10
24
01
64
02
25
10
65
04
26
10
66
10
4E
27
00
67
08
28
10
68
10
29
08
D2
69
00
2A
02
6A
01
2B
04
6B
10
59
2C
00
6C
08
2D
10
6D
10
2E
10
6E
04
2F
01
6F
02
30
10
70
10
63
31
00
71
08
32
01
72
02
33
10
73
04
34
08
E8
74
00
35
10
75
10
36
04
76
10
37
02
77
01
38
10
78
04
39
01
79
02
74
3A
00
7A
08
3B
10
7B
10
3C
02
7C
01
3D
04
7D
10
3E
10
7E
10
3F
08
FF
7F
00
SAR-PDU
Header
Offset
Data
(Hex)
SAR-PDU
Header
Offset
Data
(Hex)
00
No errors
01
Correct bit 0
02
Correct bit 1
04
Correct bit 2
08
Correct bit 3
10
SNP error (no need to
correct SN field)
LEGEND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com