Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 162 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 162 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 158Page - PMC-Sierra, Inc PM73121 Datasheet HTML 159Page - PMC-Sierra, Inc PM73121 Datasheet HTML 160Page - PMC-Sierra, Inc PM73121 Datasheet HTML 161Page - PMC-Sierra, Inc PM73121 Datasheet HTML 162Page - PMC-Sierra, Inc PM73121 Datasheet HTML 163Page - PMC-Sierra, Inc PM73121 Datasheet HTML 164Page - PMC-Sierra, Inc PM73121 Datasheet HTML 165Page - PMC-Sierra, Inc PM73121 Datasheet HTML 166Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.8.4
R_SRTS_CONFIG
Organization: 2 bytes
× 8 lines
Base address: 0 8038
h
Index: 1
h
Type: Read/Write
Function: This table stores the CDVT for the SRTS channel, expressed in the number of
queued SRTS nibbles.
Initialization: Initialize to the number of SRTS nibbles equivalent to the CDVT for the
data by rounding up. Each frame of CDVT for unstructured applications represent 256
bits. Each SRTS nibble represents 3008 bits, which is the number of data bits in eight
cells. Therefore, the number of SRTS nibbles that corresponds to the CDVT can be
determined by dividing the CDVT number in frames by 3008
÷ 256, or 11.75, and
rounding up to the next higher integer.
Format: One byte per line. Refer to the following table.
R_SRTS_CDVT_n Word Format
Offset
Name
Description
0
h
R_SRTS_CDVT_0
Receive SRTS CDVT for line 0.
1
h
R_SRTS_CDVT_1
Receive SRTS CDVT for line 1.
2
h
R_SRTS_CDVT_2
Receive SRTS CDVT for line 2.
3
h
R_SRTS_CDVT_3
Receive SRTS CDVT for line 3.
4
h
R_SRTS_CDVT_4
Receive SRTS CDVT for line 4.
5
h
R_SRTS_CDVT_5
Receive SRTS CDVT for line 5.
6
h
R_SRTS_CDVT_6
Receive SRTS CDVT for line 6.
7
h
R_SRTS_CDVT_7
Receive SRTS CDVT for line 7.
Field (Bits)
Description
Not used
(15:5)
Write with 0 to maintain compatibility with future software versions.
R_SRTS_CDVT
(4:0)
Receive SRTS CDVT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com