Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 161 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 161 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 157Page - PMC-Sierra, Inc PM73121 Datasheet HTML 158Page - PMC-Sierra, Inc PM73121 Datasheet HTML 159Page - PMC-Sierra, Inc PM73121 Datasheet HTML 160Page - PMC-Sierra, Inc PM73121 Datasheet HTML 161Page - PMC-Sierra, Inc PM73121 Datasheet HTML 162Page - PMC-Sierra, Inc PM73121 Datasheet HTML 163Page - PMC-Sierra, Inc PM73121 Datasheet HTML 164Page - PMC-Sierra, Inc PM73121 Datasheet HTML 165Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.8.2
R_OAM_CELL_CNT
Organization: 1 word
Base address: 0 8002
h
Index: 1
h
Type: Read/Write
Function: 16-bit rollover counter that counts the number of OAM cells received. The soft-
ware must initialize this counter to 0 during reset.
R_OAM_CELLCNT Word Format
7.8.3
R_DROPPED_OAM_CELL_CNT
Organization: 1 word
Base address: 0 8003
h
Index: 1
h
Type: Read/Write
Function: 16-bit rollover counter that counts the number of dropped OAM cells. The soft-
ware should initialize this counter to 0 during reset.
R_DROPPED_OAM_CELLCNT Word Format
Field (Bits)
Description
R_OAM_CELLCNT
(15:0)
16-bit rollover counter that counts the number of OAM cells received. The
software must initialize this counter to 0 during reset. After initialization, do
not write to this word.
Field (Bits)
Description
R_DROPPED_OAM_CELLCNT
(15:0)
16-bit rollover counter that counts the number of OAM cells dropped. OAM
cells are dropped when more than 255 are present in the receive queue. The
software must initialize this counter to 0 during reset. After initialization, do
not write to this word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com