Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 157 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 157 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 153Page - PMC-Sierra, Inc PM73121 Datasheet HTML 154Page - PMC-Sierra, Inc PM73121 Datasheet HTML 155Page - PMC-Sierra, Inc PM73121 Datasheet HTML 156Page - PMC-Sierra, Inc PM73121 Datasheet HTML 157Page - PMC-Sierra, Inc PM73121 Datasheet HTML 158Page - PMC-Sierra, Inc PM73121 Datasheet HTML 159Page - PMC-Sierra, Inc PM73121 Datasheet HTML 160Page - PMC-Sierra, Inc PM73121 Datasheet HTML 161Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.6.10
MATH_TBL
Organization: 8 K words
Base address: 0C000
h
Index: 1
h
Type: Read/Write
Function: The math table must be loaded into SRAM on every power cycling, except in
UDF-HS mode, in which case the math table is not used. The math table stores the
results of five different mathematical operations.
•
DIV_OP performs the integer divide and roundup-to-next integer operation. The num-
ber of integer credits (six bits) is divided by the number of channels (five bits). These
two fields are concatenated to form an 11-bit address into the table. The result is an
8-bit integer.
•
MOD_ADD_OP adds the results of the frame location to the frame offset. In the case
of T1 structured data, the mod is 120. All others use a module 128. The result is a 7-bit
integer. A 7-bit frame value is concatenated with a 6-bit frame increment value to form
a 13-bit address.
•
MULT_OP determines the number of earned integer credits for next service time. It is
obtained by multiplying the number of channels by the frame increment value. A 6-bit
frame value is concatenated with a 5-bit channel count to create an 11-bit address.
•
T1_MF_DIV_OP determines the number of 1/8 multiframes and the remainder of the
division given a frame count for the T1 mode of operation.
•
E1_MF_DIV_OP determines the number of 1/8 multiframes and the remainder of the
division given a frame count for the E1 mode of operation.
Format: The four values resulting from the math operations are stored in the same table, as
shown in Figure 85.
NOTE: The AAL1gator II uses a different math table than previous versions of the chip. The
Field (Bits)
Description
This table is available in the Software Driver available at http://www.pmc-sierra.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com