Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 154 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 154 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 150Page - PMC-Sierra, Inc PM73121 Datasheet HTML 151Page - PMC-Sierra, Inc PM73121 Datasheet HTML 152Page - PMC-Sierra, Inc PM73121 Datasheet HTML 153Page - PMC-Sierra, Inc PM73121 Datasheet HTML 154Page - PMC-Sierra, Inc PM73121 Datasheet HTML 155Page - PMC-Sierra, Inc PM73121 Datasheet HTML 156Page - PMC-Sierra, Inc PM73121 Datasheet HTML 157Page - PMC-Sierra, Inc PM73121 Datasheet HTML 158Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

TX_HEAD(1:2) Word Format
TX_HEAD(3:4) Word Format
TX_HEAD(5) Word Format
QUE_CREDITS Word Format
Field (Bits)
Description
TX_HEAD(1)
(15:8)
First header byte in bits 15:8. Initialize to the proper value.
TX_HEAD(2)
(7:0)
Second header byte in bits 7:0. Initialize to the proper value.
Field (Bits)
Description
TX_HEAD(3)
(15:8)
Third header byte in bits 15:8. Initialize to the proper value.
TX_HEAD(4)
(7:0)
Fourth header byte in bits 7:0. Initialize to the proper value.
Field (Bits)
Description
TX_HEAD(5)
(15:8)
Fifth header byte that contains the precalculated HEC word. Initialize to the proper
value.
Not used
(7:0)
Write with a 0 to maintain compatibility with future software versions.
Field (Bits)
Description
FRAME_REMAINDER
(15:14)
A 2-bit quantity representing the remainder of the division operation the CSD performs
when converting the frame differential (expressed in frames) to the frame differential
(expressed in eighths of multiframes). This quantity is maintained by the CSD. Initialize
to 00
b.
Not used
(13:10)
Write with a 0 to maintain compatibility with future software versions.
QUEUE_CREDITS
(9:0)
A 10-bit quantity representing the number of credits(bytes) accumulated for the queue.
It is measured in eighths (three LSBs are fractional bits). Initialize to 47
× 8 (178
h) for
UDF modes full cells and Single-DS0-no-pointer mode full cells, 46.875
× 8 (177
h) for
SDF modes full cells, or to the partially filled cell length
× 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com