Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 151 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 151 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 147Page - PMC-Sierra, Inc PM73121 Datasheet HTML 148Page - PMC-Sierra, Inc PM73121 Datasheet HTML 149Page - PMC-Sierra, Inc PM73121 Datasheet HTML 150Page - PMC-Sierra, Inc PM73121 Datasheet HTML 151Page - PMC-Sierra, Inc PM73121 Datasheet HTML 152Page - PMC-Sierra, Inc PM73121 Datasheet HTML 153Page - PMC-Sierra, Inc PM73121 Datasheet HTML 154Page - PMC-Sierra, Inc PM73121 Datasheet HTML 155Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.6.8
T_QUEUE_TBL
Organization: 256
× 32 words
Base address: 2000
h
Index: 20
h
Type: Read/Write
Function: Configures the VCs.
Format: Each queue will be allocated 32 consecutive words.
NOTE: All registers are right justified, with any unused bits set to 0.
Offset
Name
Description
0
h
Reserved
(Data pointer.) Initialize to FFFF each time this queue is initialized.
1
h
Not used
Initialize to 0 each time this queue is initialized to maintain future software
compatibility.
2
h
T_COND_CELL_CNT
A 16-bit rollover count of conditioned cells transmitted.
3
h
T_SUPPRESSED_CELL_CNT
A 16-bit rollover count of cells not sent because of a line resynchronization. Or,
if in UDF-HS mode, a 16-bit rollover count of cells not sent because TX_
ACTIVE is not set. This counter also counts when cells are not sent because
SUPPRESS_TRANSMISSION is set.
4
h
Not used
Initialize to 0 each time this queue is initialized to maintain future software
compatibility.
5
h
Reserved
(Sequence number.) Initialize to 0 each time this queue is initialized.
6
h
QUEUE_CONFIG
The configuration of the current queue. Initialize to the proper value.
7
h
T_CELL_CNT
A 16-bit count of the cells transmitted.
8
h
TX_HEAD(2:1)
Header byte 1 in bits 15:8, header byte 2 in bits 7:0.
9
h
TX_HEAD(4:3)
Header byte 3 in bits 15:8, header byte 4 in bits 7:0.
A
h
TX_HEAD(5)
Header byte 5 (pre-calculated HEC) in bits 15:8.
B
h
QUE_CREDITS
A 10-bit quantity representing the number of byte credits accumulated for the
queue.
C
h
CSD_CONFIG
Stores the average number of bytes in each cell, and carries the number of DS0s
for this queue.
D
h
Not used
Initialize to 0 each time this queue is initialized to maintain future software
compatibility.
E
h
T_CHAN_ALLOC(15:0)
A bit table with a bit set per DS0 allocated to this queue for DS0s 15:0 on the line
defined by queue
÷ 32.
F
h
T_CHAN_ALLOC(31:16)
A bit table with a bit set per DS0 allocated to this queue for DS0s 31:16 on the
line defined by queue
÷ 32.
10
h
T_CHAN_LEFT(15:0)
Initialize to the same value as T_CHAN_ALLOC(15:0).
11
h
T_CHAN_LEFT(31:16)
Initialize to the same value as T_CHAN_ALLOC(31:16).
12
h
IDLE_CONFIG
Controls transmission of data.
13
h-1Fh
Not used
Initialize to 0 each time this queue is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com