Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 152 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 152 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 148Page - PMC-Sierra, Inc PM73121 Datasheet HTML 149Page - PMC-Sierra, Inc PM73121 Datasheet HTML 150Page - PMC-Sierra, Inc PM73121 Datasheet HTML 151Page - PMC-Sierra, Inc PM73121 Datasheet HTML 152Page - PMC-Sierra, Inc PM73121 Datasheet HTML 153Page - PMC-Sierra, Inc PM73121 Datasheet HTML 154Page - PMC-Sierra, Inc PM73121 Datasheet HTML 155Page - PMC-Sierra, Inc PM73121 Datasheet HTML 156Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

T_COND_CELL_CNT Word Format
T_SUPPRESSED_CELL_CNT Word Format
QUEUE_CONFIG Word Format
Field (Bits)
Description
T_COND_CELL_CNT
(15:0)
A 16-bit rollover count of conditioned cells transmitted.
Field (Bits)
Description
T_SUPPRESSED_CELL_CNT
(15:0)
A 16-bit rollover count of cells not sent because of a line resynchronization.
Or, if in UDF-HS mode, a 16-bit rollover count of cells not sent because TX_ACTIVE
is not set. This counter also counts when cells are not sent because SUPPRESS_
TRANSMISSION (refer to “SUPPRESS_TRANSMISSION” on page 139) is set.
Field (Bits)
Description
TX_COND
(15)
Sends data and signaling from the transmit conditioned data area. Initialize to the proper
value.
TX_ACTIVE
(14)
Enables this queue. To enable sending cells on a UDF-HS connection, assert this bit. To
enable non-UDF-HS connections:
1. Assert this bit.
2. Set the bit corresponding to this queue in the T_ADD_QUEUE table (refer to
section 7.6.2 “T_ADD_QUEUE” on page 128).
3. Assert the CSD_ATTN bit in the CMD_REG (refer to “CMDREG Word For-
mat” on page 165).
To disable non-UDF_HS connections, clear this bit. This queue is then removed from
the calendar queue the next time a cell would have been sent. This queue must not be
returned to the calendar queue until enough time has elapsed for this to have occurred.
NOTE: When reactivating a previously active queue, be sure to reinitialize all the regis-
ters in the queue table for that queue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com