Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 150 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 150 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 146Page - PMC-Sierra, Inc PM73121 Datasheet HTML 147Page - PMC-Sierra, Inc PM73121 Datasheet HTML 148Page - PMC-Sierra, Inc PM73121 Datasheet HTML 149Page - PMC-Sierra, Inc PM73121 Datasheet HTML 150Page - PMC-Sierra, Inc PM73121 Datasheet HTML 151Page - PMC-Sierra, Inc PM73121 Datasheet HTML 152Page - PMC-Sierra, Inc PM73121 Datasheet HTML 153Page - PMC-Sierra, Inc PM73121 Datasheet HTML 154Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.6.7
T_OAM_QUEUE
Organization: 2 cells
× 32 words
Base address: 01400
h
Index: 20
h
Type: Read/Write
Function: Stores two transmit OAM cells.
Initialization: An optimization is to initialize to the body of an OAM cell so only the
header must be modified before sending.
Format: Refer to the following table.
T_OAM_CELL_n Format
Offset
Name
Description
01400
h
T_OAM_CELL_1
Transmit OAM cell 1.
01420
h
T_OAM_CELL_2
Transmit OAM cell 2.
Offset
Bits 15:8
Bits 7:0
Word 0
Header 1
Header 2
Word 1
Header 3
Header 4
Word 2
Header 5 (HEC)
(Pre-calculated by software)
Bits 7:1
Not used. Set to 0.
Bit 0
0
Disables CRC-10 insertion.
1
Enables CRC-10 insertion.
Word 3
Payload 1
Payload 2
.
.
.
.
.
.
.
.
.
Word 26
Payload 47
Payload 48
If CRC-10 is enabled in Word 2, set data to 0 in Word 26. Word 26 will be replaced by
the computed CRC-10 result as the cell is transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com