Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 146 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 146 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 142Page - PMC-Sierra, Inc PM73121 Datasheet HTML 143Page - PMC-Sierra, Inc PM73121 Datasheet HTML 144Page - PMC-Sierra, Inc PM73121 Datasheet HTML 145Page - PMC-Sierra, Inc PM73121 Datasheet HTML 146Page - PMC-Sierra, Inc PM73121 Datasheet HTML 147Page - PMC-Sierra, Inc PM73121 Datasheet HTML 148Page - PMC-Sierra, Inc PM73121 Datasheet HTML 149Page - PMC-Sierra, Inc PM73121 Datasheet HTML 150Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.6.3
T_SEQNUM_TBL
Organization: 16 words
Base address: 20
h
Index: 1
h
Type: Read/Write
Function: Stores all possible first bytes in the payload: CSI, SN, and SNP. This table must
be loaded into the SRAM on every power cycling.
Initialization: Initialize to the values in the following table:
5
h
Queues 95:80 (line 2)
6
h
Queues 111:96 (line 3)
7
h
Queues 127:112 (line 3)
8
h
Queues 143:128 (line 4)
9
h
Queues 159:144 (line 4)
A
h
Queues 175:160 (line 5)
B
h
Queues 191:176 (line 5)
C
h
Queues 207:192 (line 6)
D
h
Queues 223:208 (line 6)
E
h
Queues 239:224 (line 7)
F
h
Queues 255:240 (line 7)
Offset
Data Value
0
h
0000
h
1
h
0017
h
2
h
002D
h
3
h
003A
h
4
h
004E
h
5
h
0059
h
6
h
0063
h
7
h
0074
h
8
h
008B
h
9
h
009C
h
A
h
00A6
h
B
h
00B1
h
C
h
00C5
h
D
h
00D2
h
E
h
00E8
h
F
h
00FF
h
Offset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com