Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 143 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 143 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 139Page - PMC-Sierra, Inc PM73121 Datasheet HTML 140Page - PMC-Sierra, Inc PM73121 Datasheet HTML 141Page - PMC-Sierra, Inc PM73121 Datasheet HTML 142Page - PMC-Sierra, Inc PM73121 Datasheet HTML 143Page - PMC-Sierra, Inc PM73121 Datasheet HTML 144Page - PMC-Sierra, Inc PM73121 Datasheet HTML 145Page - PMC-Sierra, Inc PM73121 Datasheet HTML 146Page - PMC-Sierra, Inc PM73121 Datasheet HTML 147Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.4.3
LIN_STR_MODE
Organization: Eight words.
Base address: 10
h
Index: 1
h
Type: Read/Write
Function: Stores the per-line configuration.
Format: Refer to the following table.
Offset
Name
Description
0h
LIN_STR_MODE_0
Line structure mode for line 0.
1h
LIN_STR_MODE_1
Line structure mode for line 1.
2h
LIN_STR_MODE_2
Line structure mode for line 2.
3h
LIN_STR_MODE_3
Line structure mode for line 3.
4h
LIN_STR_MODE_4
Line structure mode for line 4.
5h
LIN_STR_MODE_5
Line structure mode for line 5.
6h
LIN_STR_MODE_6
Line structure mode for line 6.
7h
LIN_STR_MODE_7
Line structure mode for line 7.
Field (Bits)
Description
HS_TX_COND
(15)
Send cells with all 1s when in high-speed mode (line 0 only).
HS_RX_COND
(14)
Fetch receive conditioning data from the R_COND_DATA buffer for line 0, channels 0
and 1. High-speed mode (line 0 only).
T1_MODE
(13)
Determines mode of the line. This bit is valid only if the MIXED_MODE_EN bit in the
COMP_LIN_REG is set.
1
Line is in T1 mode.
0
Line is in E1 mode.
E1_WITH_T1_SIG
(12)
Enables T1 signaling while in E1 mode for this line. Signaling is updated every
24 frames instead of every 16 frames. This bit is valid only when the line is in E1
SDF-MF mode. AAL1 cell structures contain a signaling nibble every 25 bytes instead
of every 17 bytes per single DS0.
1
Use T1 signaling.
0
Use E1 signaling.
Not used
(11:6)
Write with a 0 to maintain future software compatibility.
CLK_SOURCE
(5:4)
Selects TL_CLK source. This value will override the setting defined by the TLCLK_
OUTPUT_EN input. If switching from an external to an internal clock or visa versa,
make sure there are not two clocks driving simultaneously.
00
Use external clock. (TL_CLK is an input).
01
LOOPED - Use RL_CLK as the clock source.
10
NOMINAL - Generate a clock of the nominal (T1 or E1) frequency from
SYS_CLK.
11
SRTS - Generate a clock frequency based on the received SRTS values.
Not used
(3)
Write with a 0 to maintain future software compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com