Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 144 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 144 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 140Page - PMC-Sierra, Inc PM73121 Datasheet HTML 141Page - PMC-Sierra, Inc PM73121 Datasheet HTML 142Page - PMC-Sierra, Inc PM73121 Datasheet HTML 143Page - PMC-Sierra, Inc PM73121 Datasheet HTML 144Page - PMC-Sierra, Inc PM73121 Datasheet HTML 145Page - PMC-Sierra, Inc PM73121 Datasheet HTML 146Page - PMC-Sierra, Inc PM73121 Datasheet HTML 147Page - PMC-Sierra, Inc PM73121 Datasheet HTML 148Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.5
Transmit Data Structures Summary
SRTS_EN
(2)
Enable SRTS for this line. (Assert only for UDF-ML or UDF-HS).
1
The insertion of the transmit SRTS bits is enabled for this line.
0
The CSI bits of the odd transmit AAL1 cells are set to 0.
FR_STRUCT
(1:0)
Frame structure mode.
11
Enables SDF-MF. Signaling information is preserved.
01
Enables SDF-FR. No signaling information is preserved.
10
Enables UDF, clear channel, no channelization, no signaling. If this mode
(UDF-ML) is selected, the T_QUEUE_TBL and R_QUEUE_TBL entries
used are found at index = 32
× line. For example, line 3 uses T_QUEUE_
TBL and R_QUEUE_TBL entry 96.
00
Not used.
Initialize to the proper value.
Table 22. Transmit Data Structures Summary
Name
R/W
Organization
Amount
of
Memory
Address
Description
P_FILL_CHAR
R/W
1 word
2 bytes
0 0004h
The empty bytes in a partially filled cell
are filled with P_FILL_CHAR.
T_ADD_QUEUE
R/W
16 words
32 bytes
0 0030h - 0 003Fh
Bit table of queues to be added to the
calendar queue after a CSD_ATTN
assertion.
T_SEQNUM_TBL
R/W
16 words
32 bytes
0 0020h - 0 002Fh
The Transmit Sequence Number Table is
initialized according to a table.
T_COND_SIG
R/W
32 bytes
× 8 lines 256 bytes
0 0400h - 0 047Fh
This table stores the signaling to be used
when the TX_COND bit in the T_
QUEUE_TBL is set.
T_COND_DATA
R/W
32 bytes
× 8 lines 256 bytes
0 0480h - 0 04FFh
This table stores the data to be used when
the TX_COND bit in the T_QUEUE_TBL
is set.
Reserved
R/W
256 words
512 bytes
0 0700h - 0 07FFh
Reserved (Frame Advance FIFO).
Reserved
R/W
8
× 128 × 2
words
4 kBytes
0 0800h - 0 0FFFh
Reserved (Transmit Calendar).
Reserved
R/W
8
× 256 bytes
2 kBytes
0 1000h - 0 13FFh
Reserved (Transmit Signaling Buffer).
T_OAM_QUEUE
R/W
2
× 32 words
128 bytes
0 1400h - 0 143Fh
The Transmit OAM Queue contains the
OAM cells to be transmitted.
T_QUEUE_TBL
R/W
256
× 32 words
16 kBytes
0 2000h - 0 3FFFh
The Transmit Queue Table contains all
pointers and variables that are
queue-dependent.
Reserved
R/W
8
× 2 K words
32 kBytes
0 4000h - 0 7FFFh
Reserved (Transmit Data Buffer).
MATH_TBL
R/W
8 K words
16 kBytes
0 C000h - 0 DFFFh
The math table is initialized from
formulas.
Field (Bits)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com