Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 140 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 140 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 136Page - PMC-Sierra, Inc PM73121 Datasheet HTML 137Page - PMC-Sierra, Inc PM73121 Datasheet HTML 138Page - PMC-Sierra, Inc PM73121 Datasheet HTML 139Page - PMC-Sierra, Inc PM73121 Datasheet HTML 140Page - PMC-Sierra, Inc PM73121 Datasheet HTML 141Page - PMC-Sierra, Inc PM73121 Datasheet HTML 142Page - PMC-Sierra, Inc PM73121 Datasheet HTML 143Page - PMC-Sierra, Inc PM73121 Datasheet HTML 144Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.2
Initialization
The memory must be initialized to 0 (unless otherwise indicated) before the software reset is
released. The number of data structures used by the device in reserved areas depends on this
initialization.
7.3
Control Registers Summary
7.4
Control Register Descriptions
NOTES:
•
All ports marked as “Reserved” must be initialized to 0 at initial setup. Software mod-
ifications to these locations after setup will cause incorrect operation.
•
All read/write port bits marked “Not used” must be written with the value 0 to main-
tain software compatibility with future versions.
Table 21. Control Register Summary
Address
Name
R/W
Organization
Amount of
Memory
Description
0 0000h
DEVICE_REV
R/W
1 word
2 bytes
The Device Revision register indicates the
revision of the device.
0 0001h
COMP_LIN_REG
R/W
1 word
2 bytes
The Composite Line Register provides overall
mode information.
0 0010h
LIN_STR_MODE_0
R/W
1 word
2 bytes
The Line Structure Mode register identifies
which data structure type will be supported
for each line. This is selectable on a line basis.
0 0011h
LIN_STR_MODE_1
R/W
1 word
2 bytes
0 0012h
LIN_STR_MODE_2
R/W
1 word
2 bytes
0 0013h
LIN_STR_MODE_3
R/W
1 word
2 bytes
0 0014h
LIN_STR_MODE_4
R/W
1 word
2 bytes
0 0015h
LIN_STR_MODE_5
R/W
1 word
2 bytes
0 0016h
LIN_STR_MODE_6
R/W
1 word
2 bytes
0 0017h
LIN_STR_MODE_7
R/W
1 word
2 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com