Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 137 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 137 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 133Page - PMC-Sierra, Inc PM73121 Datasheet HTML 134Page - PMC-Sierra, Inc PM73121 Datasheet HTML 135Page - PMC-Sierra, Inc PM73121 Datasheet HTML 136Page - PMC-Sierra, Inc PM73121 Datasheet HTML 137Page - PMC-Sierra, Inc PM73121 Datasheet HTML 138Page - PMC-Sierra, Inc PM73121 Datasheet HTML 139Page - PMC-Sierra, Inc PM73121 Datasheet HTML 140Page - PMC-Sierra, Inc PM73121 Datasheet HTML 141Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

6.8.3
JTAG Timing
Figure 82 provides timing information regarding the JTAG port.
Figure 82.
JTAG Timing
Symbol
Parameter
Signals
Min
Max
Unit
Tres
Reset assertion time
/RESET
Minimum /RESET pulse width must be more
than three clock times of the slowest active
RL_CLK, active TL_CLK, or SYS_CLK.
Trec
Reset recovery time
/RESET
Minimum /RESET recovery time must be more
than three clock times of the slowest active
RL_CLK, active TL_CLK, or SYS_CLK.
Symbol
Parameter
Signals
Min
Max
Unit
Fc
SCAN_TCLK frequency
SCAN_TCLK
5
MHz
Tch
SCAN_TCLK high period
SCAN_TCLK
80
ns
Tcl
SCAN_TCLK low period
SCAN_TCLK
80
ns
Tjh
SCAN_TCLK hold time
SCAN_TMS, SCAN_TDI
40
ns
Tjres
/SCAN_TRST low
/SCAN_TRST
80
ns
Tjsu
SCAN_TCLK setup time
SCAN_TMS, SCAN_TDI
40
ns
Tqj
SCAN_TCLK-to-output delay
/SCAN_TRST-to-output delay
SCAN_TDO
2
40
ns
Tjres
Tjres
Fc
Tch
Fc
Tjsu
Tjh
Tcl
Tcl
Tch
Tqj
Tqj
SCAN_TRSTN(i)
SCAN_TCLK(i)
SCAN_TMS(i)
SCAN_TDI(i)
SCAN_TDO(o)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com