Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 136 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 136 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 132Page - PMC-Sierra, Inc PM73121 Datasheet HTML 133Page - PMC-Sierra, Inc PM73121 Datasheet HTML 134Page - PMC-Sierra, Inc PM73121 Datasheet HTML 135Page - PMC-Sierra, Inc PM73121 Datasheet HTML 136Page - PMC-Sierra, Inc PM73121 Datasheet HTML 137Page - PMC-Sierra, Inc PM73121 Datasheet HTML 138Page - PMC-Sierra, Inc PM73121 Datasheet HTML 139Page - PMC-Sierra, Inc PM73121 Datasheet HTML 140Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

6.8
Miscellaneous Timing
6.8.1
SYS_CLK Timing
Figure 80 shows the timing for the SYS_CLK signal.
6.8.2
RESET Timing
Figure 81 shows the timing for the RESET signal.
Figure 80.
SYS_CLK Timing
Symbol
Parameter
Signals
Min
Max
Unit
Fc
SYS_CLK frequency
SYS_CLK
40.00
MHz
Tch
SYS_CLK high time
SYS_CLK
**
ns
Tcl
SYS_CLK low time
SYS_CLK
**
ns
Tp
SYS_CLK period
SYS_CLK
25.7
ns
Tdc
SYS_CLK duty cycle
SYS_CLK
**
**
%
Ttol
SYS_CLK tolerance
SYS_CLK*
50
ppm
NOTES: • The 8-line throughput is guaranteed only at Fc minimum of 38.87 MHz. For each line that is not used, the
minimum frequency can be decreased by 4.5 MHz, if SRTS is not used.
• *If TL_CLK synthesis is not used, this value can be relaxed to 200 ppm.
• ** The SYS_CLK pulse width and duty cycle is dependent on frequency, and external component selection.
Refer to section 8.6 “Board Requirements for the SRAM Interface” on page 174 for more detailed
requirements.
Figure 81.
Reset Timing
Fc
Fc
Tcl
Tcl
Tch
Tch
Ttol
Tp
Tp
Tdc
Ttol
Tdc
SYS_CLK
Tres
Tres
Trec
/RESET(i)
/PROC_CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com