Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 134 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 134 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 130Page - PMC-Sierra, Inc PM73121 Datasheet HTML 131Page - PMC-Sierra, Inc PM73121 Datasheet HTML 132Page - PMC-Sierra, Inc PM73121 Datasheet HTML 133Page - PMC-Sierra, Inc PM73121 Datasheet HTML 134Page - PMC-Sierra, Inc PM73121 Datasheet HTML 135Page - PMC-Sierra, Inc PM73121 Datasheet HTML 136Page - PMC-Sierra, Inc PM73121 Datasheet HTML 137Page - PMC-Sierra, Inc PM73121 Datasheet HTML 138Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

6.6
Interrupt Timing
The PROC_INT goes high when an OAM cell has been received and the OAM_INT_MASK bit
in CMDREG is cleared. PROC_INT goes inactive when the CLR_RX_OAM_LATCH bit is set
in CMDREG or the mask bit is set. See Figure 77 for interrupt timing.
Figure 76.
Microprocessor Output Delay Timing
Symbol
Parameter
Signals
Min
Max
Unit
Thoff
Holdoff time
HOLDOFF
20
20
SYS_CLK periods
Tq
Clock-to-output delay
HOLDOFF
2
16
ns
Figure 77.
Interrupt Timing
Symbol
Parameter
Signals
Min
Max
Unit
Tq
Clock-to-output delay
SYS_CLK, PROC_INTR
2
17
ns
Tmsk
Clear intr due to mask
PROC_CS, PROC_INTR
1
1
SYS_CLK
cycles
Tclr
Clear intr due to clear latch bit
PROC_CS, PROC_INTR
2
2
SYS_CLK
cycles
Tq
SYS_CLK
HOLDOFF
Tmsk
Tq
Tclr
SYS_CLK
/PROC_CS
/PROC_WR
PROC_INTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com