Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 148 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 148 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 144Page - PMC-Sierra, Inc PM73121 Datasheet HTML 145Page - PMC-Sierra, Inc PM73121 Datasheet HTML 146Page - PMC-Sierra, Inc PM73121 Datasheet HTML 147Page - PMC-Sierra, Inc PM73121 Datasheet HTML 148Page - PMC-Sierra, Inc PM73121 Datasheet HTML 149Page - PMC-Sierra, Inc PM73121 Datasheet HTML 150Page - PMC-Sierra, Inc PM73121 Datasheet HTML 151Page - PMC-Sierra, Inc PM73121 Datasheet HTML 152Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.6.5
T_COND_DATA
Organization: 32 bytes
× 8 lines
Base address: 480
h
Index: 10
h
Type: Read/Write
Function: Stores the transmit conditioned data.
Initialization: Initialize to the conditioned data appropriate for the channel, which typi-
cally depends on the type of channel connected to the device. For example, data usu-
ally needs an FF
h value and voice needs a small Pulse Coded Modulation (PCM) value.
Format: Two bytes per word, 16 words per line. Refer to the following table.
T_COND_DATA_n Word Format
T_COND_SIG_C_L
(1)
Transmit conditioned C bit or A bit if T1 SF for:
Offset = (channel
÷ 2) + line × 16.
T_COND_SIG_D_L
(0)
Transmit conditioned D bit or B bit if T1 SF for:
Offset = (channel
÷ 2) + line × 16.
Offset
Name
Description
00000
h
T_COND_DATA_0
Transmit conditioned data for line 0.
00010
h
T_COND_DATA_1
Transmit conditioned data for line 1.
00020
h
T_COND_DATA_2
Transmit conditioned data for line 2.
00030
h
T_COND_DATA_3
Transmit conditioned data for line 3.
00040
h
T_COND_DATA_4
Transmit conditioned data for line 4.
00050
h
T_COND_DATA_5
Transmit conditioned data for line 5.
00060
h
T_COND_DATA_6
Transmit conditioned data for line 6.
00070
h
T_COND_DATA_7
Transmit conditioned data for line 7.
Field (Bits)
Description
T_COND_DATA_H
(15:8)
Transmit conditioned data offset = ((channel
÷ 2) + 1) + line × 16.
T_COND_DATA_L
(7:0)
Transmit conditioned data offset = (channel
÷ 2) + line × 16.
Field (Bits)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com