Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 149 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 149 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 145Page - PMC-Sierra, Inc PM73121 Datasheet HTML 146Page - PMC-Sierra, Inc PM73121 Datasheet HTML 147Page - PMC-Sierra, Inc PM73121 Datasheet HTML 148Page - PMC-Sierra, Inc PM73121 Datasheet HTML 149Page - PMC-Sierra, Inc PM73121 Datasheet HTML 150Page - PMC-Sierra, Inc PM73121 Datasheet HTML 151Page - PMC-Sierra, Inc PM73121 Datasheet HTML 152Page - PMC-Sierra, Inc PM73121 Datasheet HTML 153Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.6.6
RESERVED (Transmit Signaling Buffer)
NOTE: This structure is reserved and need not be initialized to 0. Software modifications to
this structure after setup will cause incorrect operation.
Organization: Eight multiframes
× 32 DS0s × 8 lines. Each of the eight lines are allocated
a separate signaling buffer. Each DS0 generates one new nibble of signaling per multi-
frame. The data is stored in the buffer in the order it is received from the framer
device. Different framers provide the signaling information in different formats, as the
following illustration shows, for one multiframe worth of signaling data.
Base address: 01000
h
Index: 80
h
Type: Read/Write
Function: Stores the outgoing signaling data.
Figure 84 displays the contents of the transmit signaling buffer.
T_SIG_BUF_n Word Format
Figure 84. SDF-MF Format of T_SIGNALING_BUFFER
31
28
30
26
24
Word 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15
0
Bit
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
0
2
4
6
8
10
12
14
16
18
20
22
NOTE: The upper nibble of each byte is 0.
T1 format uses word addresses 0 to 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com