Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 154Page - PMC-Sierra, Inc PM73121 Datasheet HTML 155Page - PMC-Sierra, Inc PM73121 Datasheet HTML 156Page - PMC-Sierra, Inc PM73121 Datasheet HTML 157Page - PMC-Sierra, Inc PM73121 Datasheet HTML 158Page - PMC-Sierra, Inc PM73121 Datasheet HTML 159Page - PMC-Sierra, Inc PM73121 Datasheet HTML 160Page - PMC-Sierra, Inc PM73121 Datasheet HTML 161Page - PMC-Sierra, Inc PM73121 Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

same table is used for both E1 and T1 modes.
7.7
Receive Data Structures Summary
Table 23 lists the data structures unique to the receive side of the AAL1gator II.
Figure 85. Math Operation Results
Table 23. Receive Data Structures Summary
Data Structure Description
Organization
Amount
of
Memory
Address
Description
R_OAM_QUEUE_TBL
2 words
4 bytes
0 8000h - 0 8001h Receive OAM head and tail pointers.
R_OAM_CELL_CNT
1 word
2 bytes
0 8002h
Count of received OAM cells.
R_DROPPED_OAM_CELL_CNT
1 word
2 bytes
0 8003h
Count of dropped OAM cells.
Reserved
16 words
32 bytes
0 8020h - 0 802Fh Reserved (SRTS Queue Pointers).
R_SRTS_CONFIG
2 bytes
× 8 lines
16 bytes
0 8038h - 0 803Fh Receive SRTS configuration.
R_CRC_SYNDROME
128 words
256 bytes
0 8080h - 0 80FFh Mask of bits. Initialized from a table.
R_CH_TO_QUEUE_TBL
128 words
256 bytes
0 8200h - 0 827Fh Receive channel to queue table.
R_COND_SIG
16
× 8 bytes
256 bytes
0 8400h - 0 847Fh Receive signaling conditioning
values.
R_COND_DATA
32
× 8 bytes
256 bytes
0 8480h - 0 84FFh Receive data conditioning values.
Reserved
8
× 256 words
4 kBytes
0 8800h - 0 8FFFh Reserved (Receive SRTS Queue).
Reserved
8 x 32
× 16 words 8 kBytes
0 9000h - 0 9FFFh Reserved (Receive Signaling
Buffer).
R_QUEUE_TBL
256
× 32 words
16 kBytes
0 A000h - 0
BFFFh
Receive queue table.
R_OAM_QUEUE
256
× 64 bytes
16 kBytes
0 E000h - 0 FFFFh Receive OAM queue.
Reserved
8
× 512 × 32 bytes 128 kBytes 1 0000
h - 1 FFFFh
Reserved (Receive Data Buffer).
Not Used
MOD_ADD_OP
DIV_OP
MULT_OP
E1_MF_DIV_OP
C000
C8000
D000
DFFF
Address
Bits
15
8 7
0
T1_MF_DIV_OP
D200
D400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com