Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 160 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 160 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 156Page - PMC-Sierra, Inc PM73121 Datasheet HTML 157Page - PMC-Sierra, Inc PM73121 Datasheet HTML 158Page - PMC-Sierra, Inc PM73121 Datasheet HTML 159Page - PMC-Sierra, Inc PM73121 Datasheet HTML 160Page - PMC-Sierra, Inc PM73121 Datasheet HTML 161Page - PMC-Sierra, Inc PM73121 Datasheet HTML 162Page - PMC-Sierra, Inc PM73121 Datasheet HTML 163Page - PMC-Sierra, Inc PM73121 Datasheet HTML 164Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.8.1
R_OAM_QUEUE_TBL
Organization: 2 words
Base address: 0 8000
h
Index: 1
h
Type: Read/Write
Function: OAM cells received from the ATM side are stored in a FIFO queue in the mem-
ory. Head and tail pointers are used to keep track of the read and write locations of the
OAM cell buffers. There are 256 cell buffers in the OAM receive queue. Of these 256
cell buffers, 255 are usable. The 256th buffer is used to detect a full queue as follows:
When the queue is empty, OAM_HEAD = OAM_TAIL = N. When a cell is received,
the cell is written into the buffer at index (OAM_TAIL + 1) mod 256, and OAM_
TAIL is replaced with (OAM_TAIL + 1) mod 256. When the processor receives an
interrupt, it reads the cell at the buffer index (OAM_HEAD + 1) mod 256. After com-
pleting the read, it sets OAM_HEAD to (OAM_HEAD + 1) mod 256. This process is
continued until OAM_HEAD = OAM_TAIL, at which time the OAM receive queue is
empty. The receive OAM interrupt can be cleared by asserting the CLR_RX_OAM_
LATCH bit in the CMD_REG (refer to “CMDREG Word Format” on page 165).
If an OAM cell arrived between the time the OAM_TAIL was last read and CLR_RX_
OAM_LATCH was asserted, this OAM cell’s arrival can be detected within the inter-
rupt service routine by re-reading OAM_TAIL after CLR_RX_OAM_LATCH was
asserted.
Format:
OAM_HEAD Word Format
OAM_TAIL Word Format
Offset
Name
Description
0
OAM_HEAD
Head pointer.
1
OAM_TAIL
Tail pointer.
Field (Bits)
Description
OAM_HEAD
(7:0)
The microprocessor should increment to the next cell location when it reads a
cell. Initialize to 0.
Field (Bits)
Description
OAM_TAIL
(7:0)
Incremented by the RALP after it writes a cell to the OAM cell queue.
Initialize to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com