Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 161Page - PMC-Sierra, Inc PM73121 Datasheet HTML 162Page - PMC-Sierra, Inc PM73121 Datasheet HTML 163Page - PMC-Sierra, Inc PM73121 Datasheet HTML 164Page - PMC-Sierra, Inc PM73121 Datasheet HTML 165Page - PMC-Sierra, Inc PM73121 Datasheet HTML 166Page - PMC-Sierra, Inc PM73121 Datasheet HTML 167Page - PMC-Sierra, Inc PM73121 Datasheet HTML 168Page - PMC-Sierra, Inc PM73121 Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.8.6
R_CH_TO_QUEUE_TBL
Organization: 128 words (8 lines
× 32 DS0s)
Base address: 08200
h
Index: 1
h
Type: Read/Write
Function: This table associates the DS0 with the queue. It allows the transmit line inter-
face to determine the status of the receive queue supplying bytes for the DS0s being
processed. Initialize to the proper values. The AAL1gator II processes two bytes at a
time, so the values in the following table are in pairs. For unstructured lines, set all of
the queue values to the receive queue number mod 32. In UDF-HS mode, this table is
not used. When this queue is in underrun, the AAL1gator II reads data for the line
from the first word of the R_COND_DATA_0 table (refer to section 7.8.8 “R_
COND_DATA” on page 151).
Format: Refer to the following table.
CH_TO_QUEUE Word Format
Offset
Name
Description
N
CH_TO_QUEUE
Queue numbers and condition bits associated with this pair of
channels where:
Line = N
÷ 16.
Low channel = (N mod 16)
× 2.
High channel = (N mod 16)
× 2 + 1.
Field (Bits)
Description
RX_COND_H
(15:14)
Determines the type of data to be played out:
NOTE: Options “00”, “01”, and “11” are executed only when the
queue is in an underrun or resume state.
00
When the queue is in underrun, read signaling for this channel
from multiframe 0 and the data for this channel from the R_
COND_DATA table (refer to section 7.8.8 “R_COND_
DATA” on page 151).
01
When the queue is in underrun, read signaling for this channel
from multiframe 0 and play out pseudorandom data, which is
inserted data from R_COND_DATA, with the MSB con-
trolled by the pseudorandom number algorithm x18 + x7 + 1
(not valid for UDF-HS).
10
Read signaling for this channel from the R_COND_SIG table
(refer to section 7.8.7 “R_COND_SIG” on page 150) and the
data for this channel from the R_COND_DATA table.
11
When the queue is in underrun, read the signaling from multi-
frame 0 and play out the contents of the buffer.
Not used
(13)
Write with a 0 to maintain future software compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com