Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 167 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 167 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 163Page - PMC-Sierra, Inc PM73121 Datasheet HTML 164Page - PMC-Sierra, Inc PM73121 Datasheet HTML 165Page - PMC-Sierra, Inc PM73121 Datasheet HTML 166Page - PMC-Sierra, Inc PM73121 Datasheet HTML 167Page - PMC-Sierra, Inc PM73121 Datasheet HTML 168Page - PMC-Sierra, Inc PM73121 Datasheet HTML 169Page - PMC-Sierra, Inc PM73121 Datasheet HTML 170Page - PMC-Sierra, Inc PM73121 Datasheet HTML 171Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.8.7
R_COND_SIG
Organization: 16 words
× 8
Base address: 08400
h
Index: 10
h
Type: Read/Write
Function: This table stores the signaling to be used when RX_COND_H or RX_COND_L
equals “10” in the R_CH_TO_QUEUE_TBL.
Initialization: Initialize to the conditioned signaling value for the channel. This value typi-
cally depends on the type of channel unit that is connected. For example, an FXO
channel unit needs a different conditioning value than an FXS channel unit.
Format: One nibble per byte, two bytes per word, 16 words per line. Refer to the following
table.
R_COND_SIG_n Word Format
Offset
Name
Description
00000
h
R_COND_SIG_0
Receive conditioned signaling for line 0.
00010
h
R_COND_SIG_1
Receive conditioned signaling for line 1.
00020
h
R_COND_SIG_2
Receive conditioned signaling for line 2.
00030
h
R_COND_SIG_3
Receive conditioned signaling for line 3.
00040
h
R_COND_SIG_4
Receive conditioned signaling for line 4.
00050
h
R_COND_SIG_5
Receive conditioned signaling for line 5.
00060
h
R_COND_SIG_6
Receive conditioned signaling for line 6.
00070
h
R_COND_SIG_7
Receive conditioned signaling for line 7.
Field (Bits)
Description
Not used
(15:12)
Write with a 0 to maintain future software compatibility.
R_COND_A_H
(11)
Receive conditioned A signaling bit for:
Offset = (channel - 1)
÷ 2 + line × 16.
R_COND_B_H
(10)
Receive conditioned B signaling bit for:
Offset = (channel - 1)
÷ 2 + line × 16.
R_COND_C_H
(9)
Receive conditioned C signaling bit or A bit if T1 SF for:
Offset = (channel - 1)
÷ 2 + line × 16.
R_COND_D_H
(8)
Receive conditioned D signaling bit or B bit if T1 SF for:
Offset = (channel - 1)
÷ 2 + line × 16.
Not used
(7:4)
Write with a 0 to maintain future software compatibility.
R_COND_A_L
(3)
Receive conditioned A signaling bit for:
Offset = channel
÷ 2 + line × 16.
R_COND_B_L
(2)
Receive conditioned B signaling bit for:
Offset = channel
÷ 2 + line × 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com