Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 170 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 170 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 166Page - PMC-Sierra, Inc PM73121 Datasheet HTML 167Page - PMC-Sierra, Inc PM73121 Datasheet HTML 168Page - PMC-Sierra, Inc PM73121 Datasheet HTML 169Page - PMC-Sierra, Inc PM73121 Datasheet HTML 170Page - PMC-Sierra, Inc PM73121 Datasheet HTML 171Page - PMC-Sierra, Inc PM73121 Datasheet HTML 172Page - PMC-Sierra, Inc PM73121 Datasheet HTML 173Page - PMC-Sierra, Inc PM73121 Datasheet HTML 174Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

7.8.10
RESERVED (Receive Signaling Buffer)
NOTE: This structure is reserved. Software modifications to this structure after setup will
cause incorrect operation.
Organization: 32
× 32 DS0s × 8 lines. Each line is allocated a separate 32 × 32 byte mem-
ory. For E1, this allows storage of signaling information for 32 multiframes, unless
E1_WITH_T1_SIG is set. T1 applications use only the first 24 bytes of every 32 to
store signaling data. In addition, since the transmit data buffer is only 16 multiframes
in size, this structure also needs to store only 16 multiframes. Successive multiframes
are stored in every other 32-byte buffer. When signaling is frozen due to an underrun,
the value in multiframe 0 is used.
Base address: 09000
h
Index (line): 200
h
Type: Read/Write
Function: The receive signaling queue stores the signaling that is received from the UTO-
PIA interface.
Initialization: The signaling buffer should be initialized to “0”. Also, if R_CHAN_NO_
SIG is set for some queues and a specific signaling value is desired to be driven for
these queues, then the DS0s in those queues must be initialized to the desired value for
all multiframes.
Format: Two signaling nibbles per word.
R_SIG_BUFFER_n Word Format
Field (Bits)
Description
Not used
(15:12)
Write with a 0 to maintain compatibility with future software versions.
R_SIG_H
(11:8)
Receive signaling data for:
Channel = (offset mod 16)
× 2 + 1.
Multiframe
= (offset mod 512) ÷ 16.
Line = offset
÷ 512.
Offset = line
× 512 + multiframe × 16 + (channel − 1) ÷ 2.
Not used
(7:4)
Write with a 0 to maintain compatibility with future software versions.
R_SIG_L
(3:0)
Receive signaling data for:
Channel = (offset mod 16)
× 2.
Multiframe
= (offset mod 512) ÷ 16.
Line = offset
÷ 512.
Offset = line
× 512 + multiframe × 16 + channel ÷ 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com