Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 172 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 172 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 168Page - PMC-Sierra, Inc PM73121 Datasheet HTML 169Page - PMC-Sierra, Inc PM73121 Datasheet HTML 170Page - PMC-Sierra, Inc PM73121 Datasheet HTML 171Page - PMC-Sierra, Inc PM73121 Datasheet HTML 172Page - PMC-Sierra, Inc PM73121 Datasheet HTML 173Page - PMC-Sierra, Inc PM73121 Datasheet HTML 174Page - PMC-Sierra, Inc PM73121 Datasheet HTML 175Page - PMC-Sierra, Inc PM73121 Datasheet HTML 176Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

R_STATE_0 Word Format
NOTE: This word is read-only and is maintained by the RALP.
R_MP_CONFIG Word Format
NOTE: This word is maintained by the microprocessor.
19
h-1Fh
Not used
Initialize to 0 each time this queue is initialized.
NOTE: All of these locations must be initialized whenever the queue is initialized.
Field (Bits)
Description
Not used
(15)
Initialize to 0 to maintain future software compatibility.
R_STRUCT_FOUND
(14)
Indicates that the receiver structure was found. Initialize to 0.
Reserved(OLDUNDRN_N)
(13)
Initialize to 0 to maintain future software compatibility.
Reserved(UNDRN_2AGO)
(12)
Initialize to 0 to maintain future software compatibility.
Reserved(ACTSN)
(11:9)
Initialize to 0 to maintain future software compatibility.
SN_STATE
(8:6)
Specifies the state of the SN state machine. Initialize to 0.
2ND_LAST_SN
(5:3)
Specifies the SN that was received two cells ago. Initialize to 0.
LAST_SN
(2:0)
Specifies the last SN that was received. Initialize to 0.
Field (Bits)
Description
R_CHK_PARITY
(15)
If set, check the parity on the incoming structure pointer.
R_BYTES_CELL
(14:9)
A 6-bit integer specifying how many bytes per cell are required if no structure
pointers are used. For UDF-HS mode, this must be set to 47. In other modes,
set this to the partially filled length. If cells are not partially filled, set this to
47.
Not used
(8)
Write with a 0 to maintain future software compatibility.
Offset
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com