Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 177 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 177 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 173Page - PMC-Sierra, Inc PM73121 Datasheet HTML 174Page - PMC-Sierra, Inc PM73121 Datasheet HTML 175Page - PMC-Sierra, Inc PM73121 Datasheet HTML 176Page - PMC-Sierra, Inc PM73121 Datasheet HTML 177Page - PMC-Sierra, Inc PM73121 Datasheet HTML 178Page - PMC-Sierra, Inc PM73121 Datasheet HTML 179Page - PMC-Sierra, Inc PM73121 Datasheet HTML 180Page - PMC-Sierra, Inc PM73121 Datasheet HTML 181Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

R_TOT_LEFT Word Format
NOTE: This word is read-only and is maintained by RALP.
R_SN_CONFIG Word Format
This word is maintained by the microprocessor.
Reserved
(5:4)
Write with a 0 to maintain future software compatibility.
R_DATA_LAST
(3:0)
Number of signaling bytes in the structure, minus one (for example, for an E1 SDF-MF
VC with six DS0s, R_DATA_LAST is set to 2). An E1-SDF-MF VC with seven DS0s is
set to 3 as one signaling nibble is unused. Not used in UDF-ML or UDF-HS mode.
Field (Bits)
Description
Not used
(15:10)
Driven with a 0. Mask on reads to maintain future software compatibility.
R_TOT_LEFT
(9:0)
Total bytes minus one remaining in the structure. Not used in UDF-ML or
UDF-HS mode.
Field (Bits)
Description
R_CONDQ_DATA
(15:8)
Value of conditioned data inserted into lost cells depending on the value of
INSERT_DATA.
Not used
(7)
Write with a 0 to maintain future software compatibility.
INSERT_DATA
(6:5)
Controls the format of the data inserted for lost cells:
00
b
Insert FF
h.
01
b
Insert data from R_CONDQ_DATA.
10
b
Insert old data from receive buffer.
11
b
Insert data from R_CONDQ_DATA with the MSB controlled by
the pseudorandom number algorithm x18 + x7 + 1 (not valid for
UDF-HS).
DISABLE_SN
(4)
If set, sequence number processing is disabled. Statistics will still be kept
but no cells will be dropped due to SN errors.
Field (Bits)
Description
R_DATA_LAST
no. of DS0s
1
)
+
(
2
---------------------------------------------
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com