Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 32 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 28Page - Analog Devices ADXL366 Datasheet HTML 29Page - Analog Devices ADXL366 Datasheet HTML 30Page - Analog Devices ADXL366 Datasheet HTML 31Page - Analog Devices ADXL366 Datasheet HTML 32Page - Analog Devices ADXL366 Datasheet HTML 33Page - Analog Devices ADXL366 Datasheet HTML 34Page - Analog Devices ADXL366 Datasheet HTML 35Page - Analog Devices ADXL366 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Data Sheet
ADXL366
REGISTER MAP
analog.com
Rev. 0 | 32 of 71
Table 11. Register Map (Continued)
Reg
Addr
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset R/W
0x29
FIFO_SAMPLES [7:0]
FIFO_SAMPLES[7:0]
0x80
R/W
0x2A
INTMAP1_LOWE
R
[7:0]
INT_LO
W_INT1
AWAKE_INT1 INACT_INT1 ACT_INT1
FIFO_OVERR
UN_INT1
FIFO_WATER
MARK_INT1
FIFO_RDY
_INT1
DATA_RD
Y_INT1
0x00
R/W
0x2B
INTMAP2_LOWE
R
[7:0]
INT_LO
W_INT2
AWAKE_INT2 INACT_INT2 ACT_INT2
FIFO_OVERR
UN_INT2
FIFO_WATER
MARK_INT2
FIFO_RDY
_INT2
DATA_RD
Y_INT2
0x00
R/W
0x2C
FILTER_CTL
[7:0]
RANGE
I2C_HS
RESERVED
EXT_SAMPL
E
ODR
0x23
R/W
0x2D
POWER_CTL
[7:0]
RESER
VED
EXT_CLK
NOISE
WAKEUP
AUTOSLEEP
MEASURE
0x00
R/W
0x2E
SELF_TEST
[7:0]
RESERVED
ST_FORC
E
ST
0x00
R/W
0x2F
TAP_THRESH
[7:0]
TAP_THRESH
0x00
R/W
0x30
TAP_DUR
[7:0]
TAP_DUR
0x00
R/W
0x31
TAP_LATENT
[7:0]
TAP_LATENT
0x00
R/W
0x32
TAP_WINDOW
[7:0]
TAP_WINDOW
0x00
R/W
0x33
X_OFFSET
[7:0]
RESERVED
X_USER_OFFSET
0x00
R/W
0x34
Y_OFFSET
[7:0]
RESERVED
Y_USER_OFFSET
0x00
R/W
0x35
Z_OFFSET
[7:0]
RESERVED
Z_USER_OFFSET
0x00
R/W
0x36
X_SENS
[7:0]
RESERVED
X_USER_SENS
0x00
R/W
0x37
Y_SENS
[7:0]
RESERVED
Y_USER_SENS
0x00
R/W
0x38
Z_SENS
[7:0]
RESERVED
Z_USER_SENS
0x00
R/W
0x39
TIMER_CTL
[7:0]
WAKEUP_RATE
RESERVED
TIMER_KEEP_ALIVE
0x00
R/W
0x3A
INTMAP1_UPPE
R
[7:0]
ERR_FU
SE_INT1
ERR_USER_R
EGS_INT1
RESERVED KPALV_TIME
R_INT1
TEMP_ADC_
HI_INT1
TEMP_ADC_L
OW_INT1
TAP_TWO
_INT1
TAP_ONE
_INT1
0x00
R/W
0x3B
INTMAP2_UPPE
R
[7:0]
ERR_FU
SE_INT2
ERR_USER_R
EGS_INT2
RESERVED KPALV_TIME
R_INT2
TEMP_ADC_
HI_INT2
TEMP_ADC_L
OW_INT2
TAP_TWO
_INT2
TAP_ONE
_INT2
0x00
R/W
0x3C
ADC_CTL
[7:0]
FIFO_8_12BIT
RESERVED
ADC_INACT_
EN
RESERVED
ADC_ACT
_EN
ADC_EN
0xC0
R/W
0x3D
TEMP_CTL
[7:0]
NL_CO
MP_EN
RESERVED
TEMP_INACT
_EN
RESERVED
TEMP_AC
T_EN
TEMP_EN 0x00
R/W
0x3E
TEMP_ADC_OV
ER_THRSH_H
[7:0]
RESER
VED
TEMP_ADC_THRESH_HIGH[12:6]
0x00
R/W
0x3F
TEMP_ADC_OV
ER_THRSH_L
[7:0]
TEMP_ADC_THRESH_HIGH[5:0]
RESERVED
0x00
R/W
0x40
TEMP_ADC_UN
DER_THRSH_H
[7:0]
RESER
VED
TEMP_ADC_THRESH_LOW[12:6]
0x00
R/W
0x41
TEMP_ADC_UN
DER_THRSH_L
[7:0]
TEMP_ADC_THRESH_LOW[5:0]
RESERVED
0x00
R/W
0x42
TEMP_ADC_TIM
ER
[7:0]
TIMER_TEMP_ADC_INACT
TIMER_TEMP_ADC_ACT
0x00
R/W
0x43
AXIS_MASK
[7:0]
RESERVED
TAP_AXIS
RESERVED
ACT_INACT_
Z
ACT_INAC
T_Y
ACT_INAC
T_X
0x00
R/W
0x44
STATUS_COPY
[7:0]
ERR_US
ER_RE
GS
AWAKE
INACT
ACT
FIFO_OVER_
RUN
FIFO_WATER
_MARK
FIFO_REA
DY
DATA_RE
ADY
0x40
R
0x45
STATUS_2
[7:0]
ERR_FU
SE_REG
S
FUSE_REFRE
SH
RESERVED TIMER
TEMP_ADC_
HI
TEMP_ADC_L
OW
TAP_TWO TAP_ONE 0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com