Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 26 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 22Page - Analog Devices ADXL366 Datasheet HTML 23Page - Analog Devices ADXL366 Datasheet HTML 24Page - Analog Devices ADXL366 Datasheet HTML 25Page - Analog Devices ADXL366 Datasheet HTML 26Page - Analog Devices ADXL366 Datasheet HTML 27Page - Analog Devices ADXL366 Datasheet HTML 28Page - Analog Devices ADXL366 Datasheet HTML 29Page - Analog Devices ADXL366 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
Data Sheet
ADXL366
POWER SAVINGS FEATURES
analog.com
Rev. 0 | 26 of 71
COMMUNICATIONS
SPI Instructions
The digital interface of the ADXL366 is implemented with system
level power savings in mind. The following features enhance power
savings:
►
Burst reads and writes reduce the number of SPI communication
cycles required to configure the device and retrieve data.
►
Concurrent operation of activity and inactivity detection enables
motion activated operation that requires minimal input from the
processor. Loop mode further reduces communications power by
enabling the clearing of interrupts without processor intervention.
►
The FIFO is implemented in a way so that consecutive samples
can be read continuously via a multibyte read of unlimited length.
Therefore, one read FIFO instruction can clear the entire con-
tents of the FIFO. In many other accelerometers, each read
instruction retrieves a single sample only.
I2C Interface
The ADXL366 also offers an I2C interface for the platforms with
limited general-purpose input and output (GPIO) resources. The
ADXL366 conforms to the UM10204 I2C-bus specification and user
manual, Rev. 03—19 June 2007, available from NXP Semiconduc-
tor.
Bus Keepers
The ADXL366 includes bus keepers on the SCLK, INT1, and INT2
pins that may be configured as digital inputs. Bus keepers are used
to prevent tristate bus lines from floating when nothing is driving
them, preventing through current in any gate inputs that are on the
bus.
MSB Registers
Acceleration and temperature measurements are converted to 14-
bit values and transmitted via the SPI or I2C interface using two
registers per measurement. To read a full sample set of 3-axis
acceleration data, six registers must be read.
Many applications do not require the accuracy that 14-bit data
provides and prefer, instead, to save system level power. The MSB
registers, XDATA, YDATA, and ZDATA (Register 0x08, Register
0x09, and Register 0x0A, repectively), enable this trade-off. These
registers contain the eight MSBs of the x-axis, y-axis, and z-axis
acceleration data. Reading these registers effectively provides 8-bit
acceleration values. Importantly, only three (consecutive) registers
must be read to retrieve a full data set, significantly reducing the
time during which the SPI or I2C bus is active and drawing current.
14-bit, 12-bit, and 8-bit data are available simultaneously so that all
data formats can be used in a single application, depending on the
requirements of the application at a given time. For example, the
processor can read 14-bit data when higher resolution is required
and switch to 8-bit data (simply by reading a different set of
registers) when application requirements change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com